Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S75WS256NDFBAWMB Datasheet(PDF) 41 Page - SPANSION

Part # S75WS256NDFBAWMB
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMB Datasheet(HTML) 41 Page - SPANSION

Back Button S75WS256NDFBAWMB Datasheet HTML 37Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 38Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 39Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 40Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 41Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 42Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 43Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 44Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 45Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 216 page
background image
February 17, 2005 S75WS-N-00_A0
S75WS256Nxx Based MCPs
39
Advance
Information
Notes:
1. See Table 13.1 for erase command sequence.
2. See the section on DQ3 for information on the sector erase timeout.
Figure 8.5 Sector Erase Operation
No
Write Unlock Cycles:
Address 555h, Data AAh
Address 2AAh, Data 55h
Write Sector Erase Cycles:
Address 555h, Data 80h
Address 555h, Data AAh
Address 2AAh, Data 55h
Sector Address, Data 30h
Write Additional
Sector Addresses
FAIL. Write reset command
to return to reading array.
PASS. Device returns
to reading array.
Wait 4
µs
Perform Write Operation
Status Algorithm
Select
Additional
Sectors?
Unlock Cycle 1
Unlock Cycle 2
Yes
Yes
Yes
Yes
Yes
No
No
No
No
Last Sector
Selected?
Done?
DQ5 = 1?
Command Cycle 1
Command Cycle 2
Command Cycle 3
Specify first sector for erasure
Error condition (Exceeded Timing Limits)
Status may be obtained by reading DQ7, DQ6 and/or DQ2.
Poll DQ3.
DQ3 = 1?
• Each additional cycle must be written within tSEA timeout
• Timeout resets after each additional cycle is written
• The host system may monitor DQ3 or wait tSEA to ensure
acceptance of erase commands
• No limit on number of sectors
• Commands other than Erase Suspend or selecting
additional sectors for erasure during timeout reset device
to reading array data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com