Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S75WS256NDFBAWMB Datasheet(PDF) 63 Page - SPANSION

Part # S75WS256NDFBAWMB
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMB Datasheet(HTML) 63 Page - SPANSION

Back Button S75WS256NDFBAWMB Datasheet HTML 59Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 60Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 61Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 62Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 63Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 64Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 65Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 66Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 67Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 216 page
background image
February 17, 2005 S75WS-N-00_A0
S75WS256Nxx Based MCPs
61
Advance
Information
10 Power Conservation Modes
10.1
Standby Mode
When the system is not reading or writing to the device, it can place the device in the standby
mode. In this mode, current consumption is greatly reduced, and the outputs are placed in the
high impedance state, independent of the OE# input. The device enters the CMOS standby mode
when the CE# and RESET# inputs are both held at VCC ± 0.2 V. The device requires standard
access time (tCE) for read access, before it is ready to read data. If the device is deselected during
erasure or programming, the device draws active current until the operation is completed. ICC3 in
DC Characteristics represents the standby current specification
10.2 Automatic Sleep Mode
The automatic sleep mode minimizes Flash device energy consumption while in asynchronous
mode. the device automatically enables this mode when addresses remain stable for tACC + 20
ns. The automatic sleep mode is independent of the CE#, WE#, and OE# control signals. Stan-
dard address access timings provide new data when addresses are changed. While in sleep mode,
output data is latched and always available to the system. While in synchronous mode, the auto-
matic sleep mode is disabled. Note that a new burst operation is required to provide new data.
ICC6 in DC Characteristics represents the automatic sleep mode current specification.
10.3 Hardware RESET# Input Operation
The RESET# input provides a hardware method of resetting the device to reading array data.
When RESET# is driven low for at least a period of tRP, the device immediately terminates any
operation in progress, tristates all outputs, resets the configuration register, and ignores all read/
write commands for the duration of the RESET# pulse. The device also resets the internal state
machine to reading array data. The operation that was interrupted should be reinitiated once the
device is ready to accept another command sequence to ensure data integrity.
When RESET# is held at VSS ± 0.2 V, the device draws CMOS standby current (ICC4). If RESET#
is held at VIL but not within VSS ± 0.2 V, the standby current is greater.
RESET# may be tied to the system reset circuitry and thus, a system reset would also reset the
Flash memory, enabling the system to read the boot-up firmware from the Flash memory.
10.4 Output Disable (OE#)
When the OE# input is at VIH, output from the device is disabled. The outputs are placed in the
high impedance state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com