Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S75WS256NDFBAWMB Datasheet(PDF) 42 Page - SPANSION

Part # S75WS256NDFBAWMB
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMB Datasheet(HTML) 42 Page - SPANSION

Back Button S75WS256NDFBAWMB Datasheet HTML 38Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 39Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 40Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 41Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 42Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 43Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 44Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 45Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 46Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 216 page
background image
40
S75WS256Nxx Based MCPs
S75WS-N-00_A0 February 17, 2005
Ad van c e
Inf o rmation
8.5.4
Chip Erase Command Sequence
Chip erase is a six-bus cycle operation as indicated by Table 13.1. These commands invoke the
Embedded Erase algorithm, which does not require the system to preprogram prior to erase. The
Embedded Erase algorithm automatically preprograms and verifies the entire memory for an all
zero data pattern prior to electrical erase. After a successful chip erase, all locations of the chip
contain FFFFh. The system is not required to provide any controls or timings during these oper-
ations. Table 13.1 and Table 13.2 in the appendix show the address and data requirements for
the chip erase command sequence.
When the Embedded Erase algorithm is complete, that bank returns to the read mode and ad-
dresses are no longer latched. The system can determine the status of the erase operation by
using DQ7 or DQ6/DQ2. See Write Operation Status for information on these status bits.
Any commands written during the chip erase operation are ignored. However, note that a hard-
ware reset immediately terminates the erase operation. If that occurs, the chip erase command
sequence should be reinitiated once that bank has returned to reading array data, to ensure data
integrity.
The following is a C source code example of using the chip erase function. Refer to the Span-
sion Low Level Driver User’s Guide (available on www.amd.com and www.fujitsu.com) for
general information on Spansion Flash memory software development guidelines.
/* Example: Chip Erase Command */
/* Note: Cannot be suspended
*/
*( (UINT16 *)base_addr + 0x555 ) = 0x00AA;
/* write unlock cycle 1
*/
*( (UINT16 *)base_addr + 0x2AA ) = 0x0055;
/* write unlock cycle 2
*/
*( (UINT16 *)base_addr + 0x555 ) = 0x0080;
/* write setup command
*/
*( (UINT16 *)base_addr + 0x555 ) = 0x00AA;
/* write additional unlock cycle 1 */
*( (UINT16 *)base_addr + 0x2AA ) = 0x0055;
/* write additional unlock cycle 2 */
*( (UINT16 *)base_addr + 0x000 ) = 0x0010;
/* write chip erase command
*/
8.5.5
Erase Suspend/Erase Resume Commands
When the Erase Suspend command is written during the sector erase time-out, the device imme-
diately terminates the time-out period and suspends the erase operation. The Erase Suspend
command allows the system to interrupt a sector erase operation and then read data from, or
program data to, any sector not selected for erasure. The bank address is required when writing
this command. This command is valid only during the sector erase operation, including the min-
imum tSEA time-out period during the sector erase command sequence. The Erase Suspend
command is ignored if written during the chip erase operation.
When the Erase Suspend command is written after the tSEA time-out period has expired and dur-
ing the sector erase operation, the device requires a maximum of tESL (erase suspend latency) to
suspend the erase operation.
Software Functions and Sample Code
Table 8.15 Chip Erase
(LLD Function = lld_ChipEraseCmd)
Cycle
Description
Operation
Byte Address
Word Address
Data
1
Unlock
Write
Base + AAAh
Base + 555h
00AAh
2
Unlock
Write
Base + 554h
Base + 2AAh
0055h
3
Setup Command
Write
Base + AAAh
Base + 555h
0080h
4
Unlock
Write
Base + AAAh
Base + 555h
00AAh
5
Unlock
Write
Base + 554h
Base + 2AAh
0055h
6
Chip Erase Command
Write
Base + AAAh
Base + 555h
0010h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com