Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S75WS256NDFBAWMB Datasheet(PDF) 131 Page - SPANSION

Part # S75WS256NDFBAWMB
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMB Datasheet(HTML) 131 Page - SPANSION

Back Button S75WS256NDFBAWMB Datasheet HTML 127Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 128Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 129Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 130Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 131Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 132Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 133Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 134Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 135Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 216 page
background image
February 17, 2005 S75WS-N-00_00_A0
S75WS256Nxx Based MCPs
129
Data
Sheet
25.3 Synchronous/Burst Read
Notes:
1. Addresses are latched on the first rising edge of CLK.
2. Not 100% tested.
Parameter
Description
80 MHz
66 MHz
54 MHz
Unit
JEDEC
Standard
tIACC
Latency
Max
148
ns
tBACC
Burst Access Time Valid
Clock to Output Delay
Max
9.1
11.2
13.5
ns
tACS
Address Setup Time to CLK (Note 1)Min
4
4
5
ns
tACH
Address Hold Time from CLK (Note 1)Min
2
2
3
ns
tBDH
Data Hold Time from Next Clock Cycle
Min
4
4
5
ns
tCR
Chip Enable to RDY Valid
Max
9.1
11.2
13.5
ns
tOE
Output Enable to Output Valid
Max
9.1
11.2
13.5
ns
tCEZ
Chip Enable to High Z (Note 2)
Max
10
10
10
ns
tOEZ
Output Enable to High Z (Note 2)
Max
10
10
10
ns
tCES
CE# Setup Time to CLK
Min
4
4
4
ns
tRDYS
RDY Setup Time to CLK
Min
4
4
5
ns
tRACC
Ready Access Time from CLK
Max
9.1
11.2
13.5
ns
tAAS
Address Setup Time to AVD# (Note 1)Min
4
4
5
ns
tAAH
Address Hold Time to AVD# (Note 1)Min
2
2
3
ns
tCAS
CE# Setup Time to AVD#
Min
0
0
0
ns
tAVC
AVD# Low to CLK
Min
4
4
4
ns
tAVD
AVD# Pulse
Min
8
8
8
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com