Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68340 Datasheet(PDF) 112 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 112 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 108Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 109Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 110Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 111Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 112Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 113Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 114Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 115Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 116Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
4- 15
NOTE
If an access matches multiple chip selects, the lowest
numbered chip select will have priority. For example, if
CS0
and
CS2 "overlap" for a certain range, CS0 will assert when
accessing the "overlapped" address range, and
CS2 will not.
Global chip select provides a 16-bit port with three wait states, which allows a boot ROM
to be located in any address space and still provide the stack pointer and program counter
values at $00000000 and $00000004, respectively. Global chip select does not provide
write protection and responds to all function codes. While
CS0 is a global chip select, no
other chip select (
CS1, CS2, CS3) can be used. CS0 operates in this manner until the
V-bit is set in the
CS0 base address register, which will then allow the use of CS3–CS1.
Provided the desired address range is first loaded into the
CS0 base address register,
CS0 can be programmed to continue decode for a range of addresses after the V-bit is
set, After the V-bit is set for
CS0, global chip select can only be restarted with a system
reset.
A system can use an 8-bit boot ROM if an external 8-bit
DSACK
≈ that responds in two or
less wait states is generated. The 8-bit
DSACK
≈ must respond in two or less wait states
so that the global chip select, which responds with three wait states, will not be used. See
Section 10 Applications for a detailed discussion.
4.2.5 External Bus Interface Operation
This section describes port A and port B functions. Refer to Section 3 Bus Operation for
more information about the EBI.
4.2.5.1 PORT A. Port A pins can be independently programmed to function as either
addresses A31–A24, discrete I/O pins, or
IACKx pins. The port A pin assignment
registers (PPARA1 and PPARA2) control the function of the port A pins as listed in Table
4-4. Upon reset, port A is configured as input pins. If the system uses these signals as
addresses, pulldowns should be put on these signals to avoid indeterminate values until
the port A registers can be programmed.
Table 4-4. Port A Pin Assignment Register
Pin Function
Signal
PPARA1 = 0
PPARA1 = 1
PPARA1 = 0
PPARA2 = 0
PPARA2 = X
PPARA2 = 1
A31
A31
PORT A7
IACK7
A30
A30
PORT A6
IACK6
A29
A29
PORT A5
IACK5
A28
A28
PORT A4
IACK4
A27
A27
PORT A3
IACK3
A26
A26
PORT A2
IACK2
A25
A25
PORT A1
IACK1
A24
A24
PORT A0
—
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com