Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68340 Datasheet(PDF) 115 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 115 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 111Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 112Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 113Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 114Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 115Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 116Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 117Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 118Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 119Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 441 page
background image
4- 18
MC68340 USER’S MANUAL
MOTOROLA
the MCR disables the software watchdog and periodic interrupt timer, and setting the
FRZ0 bit in the MCR disables the bus monitor.
4.3 PROGRAMMING MODEL
Figure 4-8 is a programming model (register map) of all registers in the SIM40. For more
information about a particular register, refer to the description of the module or function
indicated in the right column. The ADDR (address) column indicates the offset of the
register from the address stored in the module base address register. The FC (function
code) column indicates whether a register is restricted to supervisor access (S) or
programmable to exist in either supervisor or user space (S/U).
For the registers discussed in the following pages, the number in the upper right-hand
corner indicates the offset of the register from the address stored in the module base
address register. The numbers on the top line of the register represent the bit position in
the register. The second line contains the mnemonic for the bit. The numbers below the
register represent the bit values after a hardware reset. The access privilege is indicated
in the lower right-hand corner.
NOTE:
A CPU32 RESET instruction will not affect any of the SIM40
registers.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com