Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68340 Datasheet(PDF) 119 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 119 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 115Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 116Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 117Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 118Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 119Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 120Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 121Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 122Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 123Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 441 page
background image
4- 22
MC68340 USER’S MANUAL
MOTOROLA
FRZ0—Freeze Bus Monitor Enable
1 = When FREEZE is asserted, the bus monitor is disabled.
0 = When FREEZE is asserted, the bus monitor continues to operate as
programmed.
FIRQ—Full Interrupt Request Mode
1 = Configures port B for seven interrupt request lines, autovector, and no external
chip selects.
0 = Configures port B for four interrupt request lines and four external chip selects.
See Table 4-5 for pin function selection.
SHEN1, SHEN0—Show Cycle Enable
These two control bits determine what the EBI does with the external bus during internal
transfer operations (see Table 4-6). A show cycle allows internal transfers to be
externally monitored. The address, data, and control signals (except for
AS) are driven
externally.
DS is used to signal address strobe timing for show cycles. Data is valid on
the next falling clock edge after
DS is negated. However, data is not driven externally,
and
AS and DS are not asserted externally for internal accesses unless show cycles
are enabled.
If external bus arbitration is disabled, the EBI will not recognize an external bus request
until arbitration is enabled again. To prevent bus conflicts, external peripherals must not
attempt to initiate cycles during show cycles with arbitration disabled.
Table 4-6. SHENx Control Bits
SHEN1
SHEN0
ACTION
0
0
Show cycles disabled, external arbitration enabled
0
1
Show cycles enabled, external arbitration disabled
1
X
Show cycles enabled, external arbitration enabled
SUPV—Supervisor/User Data Space
The SUPV bit defines the SIM40 registers as either supervisor data space or user
(unrestricted) data space.
1 = The SIM40 registers defined as supervisor/user are restricted to supervisor data
access (FC3–FC0 = $5). An attempted user-space write is ignored and returns
BERR.
0 = The SIM40 registers defined as supervisor/user data are unrestricted (FC2 is a
don't care).
IARB3–IARB0—Interrupt Arbitration Bits 3–0
These bits are used to arbitrate for the bus in the case that two or more modules
simultaneously generate an interrupt at the same priority level. No two modules can
share the same IARB value. The reset value of IARB is $F, allowing the SIM40 to
arbitrate during an IACK cycle immediately after reset. The system software should
initialize the IARB field to a value from $F (highest priority) to $1 (lowest priority). A
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com