Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68340 Datasheet(PDF) 122 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 122 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 118Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 119Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 120Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 121Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 122Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 123Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 124Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 125Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 126Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
4- 25
SWT1, SWT0—Software Watchdog Timing
These bits, along with the SWP bit in the PITR, control the divide ratio used to establish
the timeout period for the software watchdog. The software watchdog timeout period is
given by the following formula:
divide count
EXTAL frequency
The software watchdog timeout period, listed in Table 4-7, gives the formula to derive the
software watchdog timeout for any clock frequency. The timeout periods are listed for a
32.768-kHz crystal used with the VCO and for a 16.777-MHz external oscillator.
Table 4-7. Deriving Software Watchdog Timeout
SWP
SWT1
SWT0
Software Timeout Period
32.768-kHz
Crystal Period
16.777-MHz External
Clock Period
00
0
29/EXTAL Input Frequency
15.6 ms
30
µs
00
1
211 /EXTAL Input Frequency
62.5 ms
122
µs
01
0
213 /EXTAL Input Frequency
250 ms
488
µs
01
1
215 /EXTAL Input Frequency
1 s
1.95 ms
10
0
218 /EXTAL Input Frequency
8 s
15.6 ms
10
1
220 /EXTAL Input Frequency
32 s
62.5 ms
11
0
222 /EXTAL Input Frequency
128 s
250 ms
11
1
224 /EXTAL Input Frequency
512 s
1 s
NOTE:
When the SWP and SWT bits are modified to select a software timeout other than the default, the
software service sequence ($55 followed by $AA written to the software service register) must be
performed before the new timeout period takes effect. Refer to 4.2.2.5 Software Watchdog for
more information.
DBFE—Double Bus Fault Monitor Enable
1 = Enable double bus fault monitor function.
0 = Disable double bus fault monitor function.
For more information, see 4.2.2.3 Double Bus Fault Monitor and Section 5 CPU32.
BME—Bus Monitor External Enable
1 = Enable bus monitor function for an internal-to-external bus cycle.
0 = Disable bus monitor function for an internal-to-external bus cycle.
For more information see 4.2.2.2 Internal Bus Monitor.
BMT1, BMT0—Bus Monitor Timing
These bits select the timeout period for the bus monitor (see Table 4-8). Upon reset, the
bus monitor is set to 64 system clocks.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com