Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68340 Datasheet(PDF) 125 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 125 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 121Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 122Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 123Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 124Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 125Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 126Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 127Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 128Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 129Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 441 page
background image
4- 28
MC68340 USER’S MANUAL
MOTOROLA
4.3.2.8 SOFTWARE SERVICE REGISTER (SWSR). The SWSR is the location to which
the software watchdog servicing sequence is written. The software watchdog can be
enabled or disabled by the SWE bit in the SYPCR. SWSR can be written at any time, but
returns all zeros when read.
SWSR
$027
76543210
SWSR7 SWSR6 SWSR5 SWSR4 SWSR3 SWSR2 SWSR1 SWSR0
RESET:
00000000
Supervisor Only
4.3.3 Clock Synthesizer Control Register (SYNCR)
The SYNCR can be read or written only in supervisor mode. The reset state of SYNCR
produces an operating frequency of 8.39 MHz when the PLL is referenced to a 32.768-
kHz reference signal. The system frequency is controlled by the frequency control bits in
the upper byte of the SYNCR as follows:
FSYSTEM = FCRYSTAL [2
(2+2W+X) ]
× (Y+1)
SYNCR
$004
15
14
13
12
11
10
9876543210
W
X
Y5
Y4
Y3
Y2
Y1
Y0
RSVD
0
0
SLIMP
SLOCK
RSTEN
STSIM
STEXT
RESET:
00111111000U
U
000
U = Unaffected by reset
Supervisor Only
W—Frequency Control Bit
This bit controls the prescaler tap in the synthesizer feedback loop. Setting the bit
increases the VCO speed by a factor of 4, requiring a time delay for the VCO to relock
(see equation for determining system frequency).
X—Frequency Control Bit
This bit controls a divide-by-two prescaler, which is not in the synthesizer feedback
loop. Setting the bit doubles the system clock speed without changing the VCO speed,
as specified in the equation for determining system frequency; therefore, no delay is
incurred to relock the VCO.
Y5–Y0—Frequency Control Bits
The Y-bits, with a value from 0–63, control the modulus downcounter in the synthesizer
feedback loop, causing it to divide by the value of Y+1 (see the equation for determining
system frequency). Changing these bits requires a time delay for the VCO to relock.
Bits 7–5—Reserved
Bit 7 is reserved for factory testing.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com