Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68340 Datasheet(PDF) 121 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 121 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 117Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 118Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 119Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 120Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 121Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 122Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 123Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 124Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 125Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 441 page
background image
4- 24
MC68340 USER’S MANUAL
MOTOROLA
LOC—Loss of Clock Reset
1 = The last reset was caused by a loss of frequency reference to the clock
synthesizer. This reset can only occur if the RSTEN bit in the SYNCR is set and
the VCO is enabled.
SYS—System Reset
1 = The last reset was caused by the CPU32 executing a RESET instruction. The
system reset does not load a reset vector or affect any internal CPU32 registers,
SIM40 configuration registers, or the MCR in each internal peripheral module
(DMA, timers, and serial modules). It will, however, reset external devices and all
other registers in the peripheral modules.
4.3.2.4 SOFTWARE INTERRUPT VECTOR REGISTER (SWIV). The SWIV contains the
8-bit vector that is returned by the SIM40 during an IACK cycle in response to an interrupt
generated by the software watchdog. This register can be read or written at any time. This
register is set to the uninitialized vector, $0F, at reset.
SWIV
$020
76543210
SWIV7
SWIV6
SWIV5
SWIV4
SWIV3
SWIV2
SWIV1
SWIV0
RESET:
00001111
Supervisor Only
4.3.2.5 SYSTEM PROTECTION CONTROL REGISTER (SYPCR). The SYPCR controls
the system monitors, the prescaler for the software watchdog, and the bus monitor timing.
This register can be read at any time, but can be written only once after reset.
SYPCR
$021
76543210
SWE
SWRI
SWT1
SWT0
DBFE
BME
BMT1
BMT0
RESET:
00000000
Supervisor Only
SWE—Software Watchdog Enable
1 = Software watchdog is enabled.
0 = Software watchdog is disabled.
See 4.2.2.5 Software Watchdog for more information.
SWRI—Software Watchdog Reset/Interrupt Select
1 = Software watchdog causes a system reset.
0 = Software watchdog causes a level 7 interrupt to the CPU32.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com