Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68340 Datasheet(PDF) 129 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 129 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 125Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 126Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 127Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 128Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 129Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 130Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 131Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 132Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 133Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 441 page
background image
4- 32
MC68340 USER’S MANUAL
MOTOROLA
FCM3–FCM0—Function Code Mask Bits 3–0
This field can be used to mask certain function code bits, allowing more than one
address space type to be assigned to a chip select. Any set bit masks the
corresponding function code bit.
DD1, DD0—DSACK Delay Bits 1 and 0
This field determines the number of wait states added before an internal
DSACK
≈ is
returned for that entry. Table 4-10 lists the encoding for the DD bits.
NOTE:
The port size field must be programmed for an internal
DSACK
≈ response and the FTE bit in the base address
register must be cleared for the DDx bits to have significance.
If external
DSACK
≈ signals are returned earlier than indicated
by the DDx bits, the cycle will terminate sooner than
programmed. See 4.2.5.2 PORT B for a discussion on using
the internal
DSACK
≈ generation without using the CS≈ signal.
Table 4-10. DDx Encoding
DD1
DD0
Response
0
0
Zero Wait State
0
1
One Wait State
1
0
Two Wait States
1
1
Three Wait States
PS1, PS0—Port Size Bits 1 and 0
This field determines whether a given chip select responds with
DSACK
≈ and, if so,
what port size is returned. Table 4-11 lists the encoding for the PSx bits.
Table 4-11. PSx Encoding
PS1
PS0
Mode
0
0
Reserved*
0
1
16-Bit Port
1
0
8-Bit Port
1
1
External
DSACK
≈ Response
*Use only for 32-bit DMA transfers.
To use the external
DSACK
≈ response, PS1–PS0 = 11 should be selected to suppress
internal
DSACK
≈ generation. The DDx bits then have no significance.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com