Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68340 Datasheet(PDF) 133 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 133 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 129Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 130Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 131Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 132Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 133Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 134Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 135Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 136Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 137Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 441 page
background image
4- 36
MC68340 USER’S MANUAL
MOTOROLA
4.4 MC68340 INITIALIZATION SEQUENCE
The following paragraphs discuss a suggested method for initializing the MC68340 after
power-up.
4.4.1 Startup
RESET is asserted by the MC68340 during the time in which VCC is ramping up, the VCO
is locking onto the frequency, and the MC68340 is going through the reset operation. After
RESET is negated, four bus cycles are run, with global CS0 being asserted to fetch the
32-bit supervisor stack pointer (SSP) and the 32-bit program counter (PC) from the boot
ROM. Until programmed differently,
CS0 is a global, 16-bit-wide, three-wait-state chip
select.
CS0 can be programmed to continue decode for a range of addresses after the
V-bit is set, provided the desired address range is first loaded into the
CS0 base address
register. After the V-bit is set for
CS0, global chip select can only be restarted with a
system reset.
After the SSP and the PC are fetched, the module base address register (MBAR) should
be initialized, and the MBAR V-bit should be set (CPU space address $0003FF00) with
the desired base address for the internal modules.
4.4.2 SIM40 Module Configuration
The order of the following SIM40 register initializations is not important; however, time can
be saved by initializing the SYNCR first to quickly increase to the desired processor
operating frequency. The module base address register must be initialized prior to any of
following steps.
Clock Synthesizer Control Register (SYNCR):
• Set frequency control bits (W, X, Y) to specify frequency.
• Select action taken during loss of crystal (RSTEN bit): activate a system reset or
operate in limp mode.
• Select system clock and CLKOUT during LPSTOP (STSIM and STEXT bits).
Module Configuration Register (MCR)
• If using the software watchdog, periodic interrupt timer, and/or the bus monitor, select
action taken when FREEZE is asserted (FRZx bits).
• Select port B configuration (FIRQ bit). Note that this bit is used in combination with
the bits in the PPARB to program the function of the port B pins.
• Select the access privilege for the supervisor/user registers (SUPV bit).
• Select the interrupt arbitration level for the SIM40 (IARBx bits).
Autovector Register (AVR)
• Select the desired external interrupt levels for internal autovectoring.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com