Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68340 Datasheet(PDF) 135 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 135 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 131Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 132Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 133Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 134Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 135Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 136Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 137Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 138Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 139Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 441 page
background image
4- 38
MC68340 USER’S MANUAL
MOTOROLA
4.4.3 SIM40 Example Configuration Code
The following code is an example configuration sequence for the SIM40 module.
***************************************************************************
* MC68340 basic SIM40 register initialization example code:
* This code is used to initialize the MC68340's internal SIM40 registers,
* providing basic functions for operation.
* It includes chip select programming for external devices.
* This code would be programmed beginning at offset $0 into ROM which is
* relocated to address $60000 by the initialization code.
* The SSP_VEC and RST_VEC vectors used to initialize the system stack
* pointer and initial PC, respectively, are located at offset $0 after
* reset.
***************************************************************************
* equates
***************************************************************************
SSP_INIT
EQU $10000
Stack pointer initial value - top of RAM
MBAR
EQU $0003FF00 Address of Module Base Address Reg.
MODBASE
EQU $FFFFF000 Default Module Base address value
****************************************
* SIM40 register offsets from MBAR base address
MCR
EQU $00
SYNCR
EQU $04
SYPCR
EQU $21
CSAM0
EQU $40
CSBAR0
EQU $44
CSAM1
EQU $48
CSBAR1
EQU $4c
CSAM2
EQU $50
CSBAR2
EQU $54
CSAM3
EQU $58
CSBAR3
EQU $5c
***************************************************************************
* Reset vectors
* These two vectors should be located at addresses $0 and $4 after a processor
* hardware reset.
***************************************************************************
ORG $60000
SSP_VEC
DC.L SSP_INIT
Supervisor stack pointer - initial value
RST_VEC
DC.L INIT340
Reset vector pointing to initialization code
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com