Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68340 Datasheet(PDF) 134 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 134 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 130Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 131Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 132Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 133Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 134Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 135Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 136Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 137Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 138Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
4- 37
System Protection Control Register (SYPCR) (Note that this register can only be written
once after reset.)
• Enable the software watchdog, if desired (SWE bit).
• If the watchdog is enabled, select whether a system reset or a level 7 interrupt is
desired at timeout (SWRI bit).
• If the watchdog is enabled, select the timeout period (SWTx bits).
• Enable the double bus fault monitor, if desired (DBFE bit).
• Enable the external bus monitor, if desired (BME bit).
• Select timeout period for bus monitor (BMTx bits).
Software Watchdog Interrupt Vector Register (SWIV)
• If using the software watchdog, program the vector number for a software watchdog
interrupt.
Periodic Interrupt Timer Register (PITR)
• If using the software watchdog, select whether or not to prescale (SWP bit).
• If using the periodic interrupt timer, select whether or not to prescale (PTP bit).
• Program the count value for the periodic timer, or program a zero value to turn off the
periodic timer (PITRx bits).
Periodic Interrupt Control Register (PICR)
• If using the periodic timer, program the desired interrupt level for the periodic interrupt
timer (PIRQLx bits).
• If using the periodic timer, program the vector number for a periodic timer interrupt.
Chip Select Base Address and Address Mask Registers
• Initialize and set the V-bits in the necessary chip select base address and address
mask registers. Following this step, other system resources requiring the
CS
≈ signals
can be accessed. Care must be exercised when changing the address for
CS0. The
address of the instruction following the MOVE instruction to the
CS0 base address
register must match the value of the PC at that time.
CS0 must be taken out of global
chip select mode by setting the V-bit in the base address register before
CS3–CS1
can be used.
Port A and B Registers
• Program the desired function of the port A signals (PPARA1 and PPARA2 registers).
• Program the desired function of the port B signals (PPARB register).
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com