Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68340 Datasheet(PDF) 136 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 136 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 132Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 133Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 134Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 135Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 136Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 137Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 138Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 139Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 140Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
4- 39
***************************************************************************
* Initialization code
***************************************************************************
* Start Chip Select Initialization:
INIT340
MOVE.W
#$2700,SR
Init SR - interrupts masked
***************************************************************************
* Set up default module base address value
MOVEQ.L
#7,D0
MBAR is in CPU space
MOVEC.L
D0,DFC
load DFC to indicate CPU space
MOVE.L
#MODBASE+1,D0
Set address/valid bit
MOVES.L
D0,MBAR
write to MBAR
***************************************************************************
* Set up system protection register:
* Software watchdog disabled, double bus fault monitor disabled, bus
* monitor
BERR after 16 clocks.
MOVE.B
#6,SYPCR+MODBASE
***************************************************************************
* Clock synthesizer control register:
* Switch from 8.3 to 16.7 MHZ
MOVE.W
#$7F00,SYNCR+MODBASE
X-bit doubles the default speed
***************************************************************************
* Module configuration register:
* When FREEZE is asserted, software watchdog and periodic interrupt timer
* are disabled, bus monitor is enabled. Port B = 4 IRQs, 4 chip selects.
* Show Cycles enabled, external arbitration enabled. Supervisor/user
* SIM registers unrestricted, Interrupt Arbitration at priority $F
MOVE.W
#$420F,MCR+MODBASE
***************************************************************************
* Now, set up Address masks and base addresses for the chip selects:
LEA
CSAM0+MODBASE,A0
Point to
CS0 addr. mask location.
MOVEQ
#7,D
Set up a loop counter.
LEA
CSAM0$,A1
Point to addr mask memory location.
LOOP
MOVE.L
(A1)+,(A0)+
Init. addr mask and base addr reg
DBRA
D0,LOOP
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com