Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68340 Datasheet(PDF) 132 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 132 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 128Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 129Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 130Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 131Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 132Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 133Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 134Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 135Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 136Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
4- 35
4.3.5.5 PORT B PIN ASSIGNMENT REGISTER (PPARB). PPARB controls the function
of each port B pin. Any set bit defines the corresponding pin to be an
IRQ
≈ input or CS≈
as defined in Table 4-5. Any cleared bit defines the corresponding pin to be a discrete I/O
pin (or
CS
≈ if the FIRQ bit of the MCR is zero) controlled by the port B data and data
direction registers. The MODCK signal has no function after reset. PPARB is configured to
all ones at reset to provide for MODCK,
IRQ7, IRQ6, IRQ5, IRQ3, and CS3–CS0. This
register can be read or written at any time.
PPARB
$01F
76543210
PPARB7
(IRQ7)
PPARB6
(IRQ6)
PPARB5
(IRQ5)
PPARB4
(IRQ4)
PPARB3
(IRQ3)
PPARB2
(IRQ2)
PPARB1
(IRQ1)
PPARB0
(MODCK)
RESET:
11111111
Supervisor Only
4.3.5.6 PORT B DATA DIRECTION REGISTER (DDRB). DDRB controls the direction of
the pin drivers when the pins are configured as I/O. Any set bit configures the
corresponding pin as an output; any cleared bit configures the corresponding pin as an
input. This register affects only pins configured as discrete I/O. This register can be read
or written at any time.
DDRB
$01D
76543210
DD7
DD6
DD5
DD4
DD3
DD2
DD1
DD0
RESET:
00000000
Supervisor/User
4.3.5.7 PORT B DATA REGISTER (PORTB, PORTB1). This is a single register that can
be accessed at two different addresses. This register affects only those pins configured as
discrete I/O. A write is stored in the internal data latch, and if any port B pin is configured
as an output, the value stored for that bit is driven on the pin. A read of this register
returns the value stored in the register only if the pin is configured as a discrete output.
Otherwise, the value read is the value of the pin. This register can be read or written at
any time.
PORTB, PORTB1
$019, 01B
76543210
P7
P6
P5
P4
P3
P2
P1
P0
RESET:
UUUUUUUU
Supervisor/User
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com