Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68340 Datasheet(PDF) 131 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 131 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 127Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 128Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 129Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 130Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 131Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 132Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 133Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 134Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 135Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 441 page
background image
4- 34
MC68340 USER’S MANUAL
MOTOROLA
4.3.5.2 PORT A PIN ASSIGNMENT REGISTER 2 (PPARA2). PPARA2 selects between
an address and
IACK
≈ function for the port A pins. Any set bit defines the corresponding
pin to be an
IACK
≈ output pin. Any cleared bit defines the corresponding pin to be an
address bit as defined in the register diagram. Any set bits in PPARA1 override the
configuration set in PPARA2. Bit 0 has no function in this register because there is no
level 0 interrupt. This register can be read or written at any time.
PPARA2
$017
76543210
IACK7
(A31)
IACK6
(A30)
IACK5
(A29)
IACK4
(A28)
IACK3
(A27)
IACK2
(A26)
IACK1
(A25)
0
RESET:
00000000
Supervisor Only
The
IACK
≈ signals are asserted if a bit in PPARA2 is set and the CPU32 services an
external interrupt at the corresponding level.
IACK
≈ signals have the same timing as
address strobes.
NOTE:
Upon reset, port A is configured as an input port.
4.3.5.3 PORT A DATA DIRECTION REGISTER (DDRA). DDRA controls the direction of
the pin drivers when the pins are configured as I/O. Any set bit configures the
corresponding pin as an output. Any cleared bit configures the corresponding pin as an
input. This register affects only pins configured as discrete I/O. This register can be read
or written at any time.
DDRA
$013
76543210
DD7
DD6
DD5
DD4
DD3
DD2
DD1
DD0
RESET:
00000000
Supervisor/User
4.3.5.4 PORT A DATA REGISTER (PORTA). PORTA affects only pins configured as
discrete I/O. A write to PORTA is stored in the internal data latch, and if any port A pin is
configured as an output, the value stored for that bit is driven on the pin. A read of PORTA
returns the value at the pin only if the pin is configured as discrete input. Otherwise, the
value read is the value stored in the internal data latch. This register can be read or written
at any time.
PORTA
$011
76543210
P7
P6
P5
P4
P3
P2
P1
P0
RESET:
UUUUUUUU
Supervisor/User
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com