Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68340 Datasheet(PDF) 126 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 126 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 122Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 123Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 124Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 125Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 126Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 127Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 128Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 129Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 130Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
4- 29
SLIMP—Limp Mode
1 = A loss of input signal reference has been detected, and the VCO is running at
approximately one-half the maximum speed (affected by the X-bit ), determined
from an internal voltage reference.
0 = External input signal frequency is at VCO reference.
SLOCK—Synthesizer Lock
1 = VCO has locked onto the desired frequency (or system clock is driven
externally).
0 = VCO is enabled, but has not yet locked.
RSTEN—Reset Enable
1 = Loss of input signal causes a system reset.
0 = Loss of input signal causes the VCO to operate at a nominal speed without
external reference (limp mode), and the device continues to operate at that
speed.
STSIM—Stop Mode System Integration Clock
1 = When LPSTOP is executed, the SIM40 clock is driven from the VCO.
0 = When LPSTOP is executed, the SIM40 clock is driven from an external crystal or
oscillator, and the VCO is turned off to conserve power.
STEXT—Stop Mode External Clock
1 = When the LPSTOP instruction is executed, the external clock pin (CLKOUT) is
driven from the SIM40 clock as determined by the STSIM bit.
0 = When the LPSTOP instruction is executed, the external clock (CLKOUT) is held
low to conserve power. No external clock will be driven in LPSTOP mode.
4.3.4 Chip Select Registers
The following paragraphs provide descriptions of the registers in the chip select function,
and an example of how to program the registers. The chip select registers cannot be used
until the V-bit in the MBAR is set.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com