Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68340 Datasheet(PDF) 116 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 116 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 112Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 113Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 114Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 115Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 116Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 117Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 118Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 119Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 120Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
4- 19
ADDR
FC
15
8 7
0
000
S
MODULE CONFIGURATION REGISTER (MCR)
SYSTEM
PROTECTION
004
S
CLOCK SYNTHESIZER CONTROL REGISTER (SYNCR)
CLOCK
006
S
AUTOVECTOR REGISTER (AVR)
RESET STATUS REGISTER (RSR)
SYSTEM
PROTECTION
010
S/U
RESERVED
PORT A DATA (PORTA)
EBI
012
S/U
RESERVED
PORT A DATA DIRECTION (DDRA)
EBI
014
S
RESERVED
PORT A PIN ASSIGNMENT 1 (PPRA1)
EBI
016
S
RESERVED
PORT A PIN ASSIGNMENT 2 (PPRA2)
EBI
018
S/U
RESERVED
PORT B DATA (PORTB)
EBI
01A
S/U
RESERVED
PORT B DATA (PORTB1)
EBI
01C
S/U
RESERVED
PORT B DATA DIRECTION (DDRB)
EBI
01E
S
RESERVED
PORT B PIN ASSIGNMENT (PPARB)
EBI
020
S
SW INTERRUPT VECTOR (SWIV)
SYSTEM PROTECTION CONTROL
(SYPCR)
SYSTEM
PROTECTION
022
S
PERIODIC INTERRUPT CONTROL REGISTER (PICR)
SYSTEM
PROTECTION
024
S
PERIODIC INTERRUPT TIMING REGISTER (PITR)
SYSTEM
PROTECTION
026
S
RESERVED
SOFTWARE SERVICE (SWSR)
SYSTEM
PROTECTION
040
S
ADDRESS MASK 1 CS0
CHIP SELECT
042
S
ADDRESS MASK 2 CS0
CHIP SELECT
044
S
BASE ADDRESS 1 CS0
CHIP SELECT
046
S
BASE ADDRESS 2 CS0
CHIP SELECT
048
S
ADDRESS MASK 1 CS1
CHIP SELECT
04A
S
ADDRESS MASK 2 CS1
CHIP SELECT
04C
S
BASE ADDRESS 1 CS1
CHIP SELECT
04E
S
BASE ADDRESS 2 CS1
CHIP SELECT
050
S
ADDRESS MASK 1 CS2
CHIP SELECT
052
S
ADDRESS MASK 2 CS2
CHIP SELECT
054
S
BASE ADDRESS 1 CS2
CHIP SELECT
056
S
BASE ADDRESS 2 CS2
CHIP SELECT
058
S
ADDRESS MASK 1 CS3
CHIP SELECT
05A
S
ADDRESS MASK 2 CS3
CHIP SELECT
05C
S
BASE ADDRESS 1 CS3
CHIP SELECT
05E
S
BASE ADDRESS 2 CS3
CHIP SELECT
Figure 4-8. SIM40 Programming Model
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com