Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68340 Datasheet(PDF) 113 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 113 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 109Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 110Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 111Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 112Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 113Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 114Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 115Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 116Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 117Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 441 page
background image
4- 16
MC68340 USER’S MANUAL
MOTOROLA
4.2.5.2 PORT B. Port B pins can be independently programmed to function as chip
selects,
IRQ
≈ and MODCK pins, or discrete I/O pins. These pins are multiplexed as
shown in Figure 4-7. Selection of a pin function is accomplished by a combination of the
port B pin assignment register (PPARB) and the FIRQ bit of the MCR. See Table 4-5 for
port B combinations. By changing the value of the FIRQ bit and the corresponding bits in
the PPARB for a particular signal, the port B pins can be configured for different pin
functions. Upon reset, port B is configured as MODCK,
IRQ7, IRQ6, IRQ5, IRQ3, and
CS3–CS0.
INTERRUPT
PORT
LOGIC
FULL IRQ
MUX
AVEC
CHIP-
SELECT
MODULE
CS1/IRQ1/PORT B1
CS3
CS2
CS1
CS0
CS0/AVEC
FIRQ
CS2/IRQ2/PORT B2
CS3/IRQ4/PORT B4
IRQ3/PORT B3
IRQ5/PORT B5
IRQ6/PORT B6
IRQ7/PORT B7
MODCK/PORT B0
IRQ4/PORT B4
IRQ2/PORT B2
IRQ1/PORT B1
Figure 4-7. Full Interrupt Request Multiplexer
Table 4-5. Port B Pin Assignment Register
Pin Function
Signal
FIRQ = 0
FIRQ = 0
FIRQ = 1
FIRQ = 1
PPARB = 0
PPARB = 1
PPARB = 0
PPARB = 1
IRQ7
PORTB7
IRQ7
PORTB7
IRQ7
IRQ6
PORTB6
IRQ6
PORTB6
IRQ6
IRQ5
PORTB5
IRQ5
PORTB5
IRQ5
IRQ3
PORTB3
IRQ3
PORTB3
IRQ3
CS3
CS3
CS3
PORTB4
IRQ4
CS2
CS2
CS2
PORTB2
IRQ2
CS1
CS1
CS1
PORTB1
IRQ1
CS0
CS0
CS0
AVEC
AVEC
MODCK
PORTB0
MODCK
PORTB0
MODCK
NOTE: MODCK has no function after reset.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com