Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPIB20 Datasheet(PDF) 18 Page - PCA ELECTRONICS INC.

Part # EPIB20
Description  Contents Surface Mount Power Inductor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPIB20 Datasheet(HTML) 18 Page - PCA ELECTRONICS INC.

Back Button EPIB20 Datasheet HTML 14Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 15Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 16Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 17Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 18Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 19Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 20Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 21Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 22Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
E L E C T R O N I C S I N C .
Surface Mount Power Inductors
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
EPI D8763 Series
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Primary Specification
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSIXXXXXXD8763
Rev. -
12/11/02
.78
1.5
2.2
3.3
3.9
4.7
6.0
7.8
10
15
Induct.
(µH ± 20%)
@ Rated Current
.0026
.004
.0061
.0086
.010
.014
.017
.018
.026
.032
DCR
(
Ω Max.)
EPI0L8303D8763
EPI1L5253D8763
EPI2L2203D8763
EPI3L3173D8763
EPI3L9153D8763
EPI4L7133D8763
EPI6L0123D8763
EPI7L8113D8763
EPI100103D8763
EPI150802D8763
Part
Number
30
25
20
17
15
13
12
11
10
8
I Sat
(Amp)
Package D8763
Notes :
1. Temperature Rise : 40°C Typ. @ I rms
2. Inductance Change at Isat: 10% Max.
15
15
12
10
9.0
8.4
7.5
7.5
6.0
4.4
I rms
(Amp)
Land Pattern
.125
(3.18)
.340
(8.64)
.815
(20.70)
.565
(14.35)
.315 Max.
(8.00)
Marking:
PCA
EPIXXXXXD8763
.640
Max.
(16.26)
.880 Max.
(22.35)
• Virtually no limit on V µSec as long as max. RMS Current Limit and
Temperature Rise Limit are not exceeded
• Low loss material ensures operation in high frequency switching
converters, such as Buck, Boost or as output averaging filter inductor
• Low cost Robust construction to withstand most SMT processes
• Also suitable for use in High Quality Filter Applications
• Low Profile version for High Current Applications
.78
1.5
2.2
3.3
3.9
4.7
6.0
7.8
10
15
Induct.
(µH ± 20%)
@ 0 Adc
• Operating Temperature : -40°C to +85°C •



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com