Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPIB20 Datasheet(PDF) 32 Page - PCA ELECTRONICS INC.

Part # EPIB20
Description  Contents Surface Mount Power Inductor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPIB20 Datasheet(HTML) 32 Page - PCA ELECTRONICS INC.

Back Button EPIB20 Datasheet HTML 28Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 29Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 30Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 31Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 32Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 33Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 34Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 35Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 36Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
E L E C T R O N I C S I N C .
Surface Mount Power Inductor
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Features of the EPI “G4036L” Series
• Used in Camcorders, LCD TV’s, Car Radios, Communications Equipment
• Low loss material ensures operation in high frequency switching
converters, such as Buck, Boost or as output averaging filter inductor
• Low cost Robust construction to withstand most SMT processes
• Also suitable for use in high quality filter applications
• Operating Temperature Range : -40°C to +105°C
• Ferrite Materials
EPI G4036L Series
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package G4036L
Primary Specification
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSIXXXXXXG4036L
Rev. -
9/17/02
10
12
15
18
22
27
33
39
47
56
68
82
100
150
180
220
270
330
390
470
560
Induct.
(µH ± 10%)
@ 0 Adc
.053
.061
.070
.081
.088
.100
.120
.151
.170
.199
.233
.252
.344
.544
.621
.721
.949
1.10
1.245
1.526
1.904
DCR
(
Ω Max.)
EPI100232G4036L
EPI120212G4036L
EPI150182G4036L
EPI180172G4036L
EPI220162G4036L
EPI270142G4036L
EPI330122G4036L
EPI390122G4036L
EPI470112G4036L
EPI560102G4036L
EPI680911G4036L
EPI820851G4036L
EPI101741G4036L
EPI151611G4036L
EPI181561G4036L
EPI221531G4036L
EPI271451G4036L
EPI331421G4036L
EPI391381G4036L
EPI471351G4036L
EPI561321G4036L
Part
Number
2.38
2.13
1.87
1.73
1.60
1.44
1.26
1.20
1.10
1.01
0.91
0.85
0.74
0.61
0.56
0.53
0.45
0.42
0.38
0.35
0.32
Idc
(Amps Max.)
Note :
1. Temperature Rise : 40°C Typ. @ Idc
2. Inductance Change at I Saturation : 10% TYP.
.354 ± .016
(9.00 ± .400)
.394
± .016
(10.00
± .400)
.118
(3.00)
.157 ± .020
(4.00 ± .500)
Recommended
Pad Layout
.148
(3.75)
.374
(9.50)
.394
(10.00)
Marking:
PCA
Inductance Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com