Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPIB20 Datasheet(PDF) 16 Page - PCA ELECTRONICS INC.

Part # EPIB20
Description  Contents Surface Mount Power Inductor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPIB20 Datasheet(HTML) 16 Page - PCA ELECTRONICS INC.

Back Button EPIB20 Datasheet HTML 12Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 13Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 14Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 15Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 16Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 17Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 18Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 19Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 20Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
E L E C T R O N I C S I N C .
Surface Mount Power Inductor
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Low loss material ensures operation in high frequency
switching converters, such as Buck, Boost or as output
averaging filter inductor
• Also suitable for use in high quality filter applications
• 250 KHz & 500 KHz Switching Frequency
Schematic
EPI BSPH68 Series
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
Temp. Rise
(C° Typ.)
Connection
Series
Parallel
Series
Parallel
Series
Parallel
Part
Number
EPI1L1383BSPH68
EPI2L3273BSPH68
EPI3L2243BSPH68
DCR
(
Ω Typ.)
.004
.001
.0090
.0023
.012
.003
Vt 1
(V-µsec.)
@ 250 Khz
8.8
4.4
12.4
6.2
15.2
7.6
Idc
(A)
19
38
13.5
27
12
24
Inductance
(µH ± 15%)
@ Idc
4.47
1.1
9.12
2.3
12.9
3.2
56
56
63
63
54
54
@ Vt1
@ Vt2
56
56
63
63
54
54
Inductance
(µH ± 15%)
@ Odc
7.74
1.94
15.8
3.95
28.4
7.1
Vt 2
(V-µsec.)
@ 500 Khz
5.8
2.9
8.2
4.1
9.4
4.7
Note : 1) Core loss at ref. Vt1 & Vt2 = 124 mW.
2
14
3
1.220 Max.
(30.99)
1.00
Max.
(25.40)
.500
Max.
(12.70)
1.097
(27.86)
.600
(15.24)
.400
(10.16)
.155
(3.94)
1.100
(27.94)
3
4
2
1
3
4
2
1
Suggested
Pad
Layout
PCA
EPIXXXXXXBSPH68
D.C.
.320
(8.13)
CSIXXXXXXBSPH68
Rev. -
7/18/02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com