Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPIB20 Datasheet(PDF) 17 Page - PCA ELECTRONICS INC.

Part # EPIB20
Description  Contents Surface Mount Power Inductor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPIB20 Datasheet(HTML) 17 Page - PCA ELECTRONICS INC.

Back Button EPIB20 Datasheet HTML 13Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 14Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 15Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 16Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 17Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 18Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 19Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 20Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 21Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
E L E C T R O N I C S I N C .
Power Choke
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Used in Power AC Line Filters, AC-AC Converters
and Switching Power Supplies
• UL 94V-0 Recognized Components
• UL 1446 Class B Insulation System
• Meets or exceeds CSA/IEC/VDE/UL Specifications for
Creepage, Clearance and Dielectric Strength
• 50 Hz - 500 Hz Switching Frequency
• 3750 Vrms Isolation
• In EE25 Standard Package
EPZ3033-X
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
Temperature Rise
(°C Max.)
@ Max. Current
18
22
16
18
21
25
18
20
22
18
21
16
19
23
25
22
16
18
21
17
20
Schematic
2
49
7
L1
L2
Package
.830
(21.10)
.400
(10.20)
.175 (4.40)
1.070
(27.20)
.860
(21.80)
1.060
(26.90)
.025 Sq.
(.635)
92
74
.620
(15.75)
Part
Number
EPZ3033-332
EPZ3033-392
EPZ3033-472
EPZ3033-562
EPZ3033-682
EPZ3033-822
EPZ3033-103
EPZ3033-123
EPZ3033-153
EPZ3033-183
EPZ3033-223
EPZ3033-273
EPZ3033-333
EPZ3033-393
EPZ3033-473
EPZ3033-563
EPZ3033-683
EPZ3033-104
EPZ3033-124
EPZ3033-222
EPZ3033-154
DCR
(
Ω Max.)
.32
.40
.45
.50
.60
.70
.80
.90
1.0
1.3
1.5
1.8
2.2
2.6
2.8
4.0
5.0
5.5
6.4
7.8
9.0
Current Rating
(Amperes Max.)
1.1
1.1
.88
.88
.88
.88
.70
.70
.70
.55
.55
.44
.44
.44
.44
.35
.27
.27
.27
.27
.27
3.3
3.9
4.7
5.6
6.8
8.2
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
Inductance
(mH ± 25%)
@ 1 KHz
CSZ3033-Xb
Rev. 1
7/18/02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com