Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPIB20 Datasheet(PDF) 47 Page - PCA ELECTRONICS INC.

Part # EPIB20
Description  Contents Surface Mount Power Inductor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPIB20 Datasheet(HTML) 47 Page - PCA ELECTRONICS INC.

Back Button EPIB20 Datasheet HTML 42Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 43Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 44Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 45Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 46Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 47Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 48Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 49Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 50Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 47 / 50 page
background image
E L E C T R O N I C S I N C .
Thru-Hole Power Inductor
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Features of the EPI “AVM2” Series
• Low loss material ensures operation in high frequency switching
converters, such as Buck, Boost or as output averaging filter inductor
• Also suitable for use in high quality filter applications
• Up to 500 KHz Switching Frequency
• UL 1446 Class B Insulation System
• UL 94V-0 Recognized Material
• In Header Mount Package
• Low Cost Inductor
EPI AVM2 Series
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package AVM2
Primary Specification
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSIXXXXXXAVM2 Rev. 1
1/23/03
EPI100113AVM2
EPI100153AVM2
EPI220802AVM2
EPI330802AVM2
EPI470802AVM2
EPI500492AVM2
EPI530902AVM2
EPI560802AVM2
EPI680802AVM2
EPI820902AVM2
EPI101402AVM2
EPI151402AVM2
EPI151402AVM2B
EPI221202AVM2
EPI251222AVM2
EPI331202AVM2
EPI471102AVM2
EPI501332AVM2
Part
Number
9.68
10.82
23.10
33.86
47.32
50.00
53.82
54.88
69.70
82.94
102.40
148.00
153.66
222.78
250.88
331.78
473.34
499.39
Induct.
(µH ± 20%)
@ 0 Adc
.0066
.006
.009
.011
.020
.023
.017
.021
.025
.021
.048
.060
.077
.147
.161
.221
.419
.149
DCR
(
Ω Typ.)
8.7
15
8
8
8
4.9
9
8
8
9
4
4.3
4
2
1.9
2
1
3.1
Idc
(A)
6.7
7.0
16.8
22.6
25.9
34.5
29.42
28.5
37.6
39.26
73
104
99
178
173
248
413
346
Induct.
(µH ± 15%)
@ I Sat
11.1
15
8
8
8
4.9
9
8
8
9
4
4
4
2
2.2
2
1
3.3
I Sat
(A)
61
91
91
91
148
49
91
160
91
91
91
99
91
91
61
91
91
133
Core Loss
(mW)
@ Vt
9.4
12
18
21.8
25.5
21.3
21
28.5
31
25.5
38
47.6
46.5
56
47.8
68
82
104
Vt
(V-µSec.)
@ 100 KHz
412
787
537
722
828
415
1192
913
1204
1590
584
829
795
357
419
496
207
1885
Energy
(µJ)
@ I Sat
20
33
17
20
32
21
33
34
37
40
21
24
30
17
23
23
14
20
Temp.
Rise
@ Idc (°C)
Marking:
PCA
EPIXXXXXXAVM2
D.C.
Bottom
View
.800
(20.32)
.625
Max.
(15.88)
.400
(10.16)
32
1
4
1.185
Max.
(30.10)
.200 ± .020
(5.08 ± .500)
.054 Ø Max.
(1.37 Ø)
1.250 Max.
(31.75)
Schematic A
1
3
Schematic B
1
2
A
B
B
B
B
A
A
B
B
A
B
A
B
B
A
B
B
A
Schematic
.800
(20.32)
.400
(10.16)
.057 Ø Max.
(1.45 Ø)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com