Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPIB20 Datasheet(PDF) 11 Page - PCA ELECTRONICS INC.

Part # EPIB20
Description  Contents Surface Mount Power Inductor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPIB20 Datasheet(HTML) 11 Page - PCA ELECTRONICS INC.

Back Button EPIB20 Datasheet HTML 7Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 8Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 9Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 10Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 11Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 12Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 13Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 14Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 15Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
Page #
E L E C T R O N I C S I N C .
E L E C T R O N I C S I N C .
Surface Mount Power Inductor
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Low loss material ensures operation in high frequency switching
converters, such as Buck, Boost or as output averaging filter inductor
• Also suitable for use in high quality filter applications
• 250 KHz & 500 KHz Switching Frequency
EPI BH44 Series
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Primary Specification
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSIXXXXXXBH44
Rev. 3
3/5/03
2.1
3.1
Induct.
(µH ± 15%)
@ 0 Adc
DCR
(
Ω Typ.)
.0027
.0040
Vt1
(V-µSec)
250 KHz
2.48
3.32
@ Vt1
°C (Typ.)
50
49
Induct.
(µH 15%)
@ Idc
1.4
2.2
Part
Number
EPI1L4143BH44
EPI2L2113BH44
Core Loss
Idc
(A)
14
11
Vt2
(V-µSec)
500 KHz
1.6
2.2
@ Vt2
°C (Typ.)
50
49
Temp.Rise
36
46
@ Vt1
(mW)
@ Vt2
(mW)
36
46
Package BH44
Schematic
.650
Max.
(16.51)
.650
Max.
(16.51)
.570
(14.48)
.490
(12.45)
.080 (2.03)
PCA
CSIXXXXXXBH44
D.C.
.400 Max.
(10.16)
Pad
Layout
.570
(14.48)
Pin 1
I.D.
*Coil must clear Seating Plane by .010/0.25
Coplanarity : .005/.013
*Seating Plane



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com