Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPIB20 Datasheet(PDF) 42 Page - PCA ELECTRONICS INC.

Part # EPIB20
Description  Contents Surface Mount Power Inductor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPIB20 Datasheet(HTML) 42 Page - PCA ELECTRONICS INC.

Back Button EPIB20 Datasheet HTML 38Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 39Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 40Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 41Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 42Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 43Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 44Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 45Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 46Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 50 page
background image
E L E C T R O N I C S I N C .
Thru-Hole Power Inductor
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Optimized for National’s LM267X,LM259X & LM257X Series
• Low loss material ensures operation in high frequency switching
converters, such as Buck, Boost or as output averaging filter inductor
• 52 KHz, 150 KHz & 260 KH KHz Switching Frequency
• Also suitable for use in high quality filter applications
• Low Cost Inductor
EPI AC4 Series
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Primary Specification
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSIXXXXXXAC4
Rev. 5
2/22/05 FT
42
64
78
121
130
173
196
202
493
Induct.
(µH ± 15%)
@ 0 Adc
DCR
(
Ω Typ.)
.027
.042
.061
.093
.125
.144
.188
.191
.754
Induct.
(µH 15%)
@ Idc
33
47
68
100
100
150
150
150
470
Part
Number
EPI330552AC4
EPI470552AC4
EPI680302AC4
EPI101302AC4
EPI101342AC4
EPI151202AC4
EPI151272AC4
EPI151302AC4
EPI471102AC4
Core Loss
Idc
(mA)
5500
5500
3000
3000
3400
2000
2700
3000
1000
National
Semiconductor
Chip
LM267X-L49
LM267X-L48
LM257X-L68
LM257X-100
LM257X-L43
LM257X-L150
LM259X-L42
LM257X-H150
LM257X-L470
---
---
---
---
320
---
320
---
---
@ Vt1
(mW)
@ Vt2
(mW)
445
380
---
---
---
---
---
---
---
Package AC4
1.350
Max.
(34.29)
.110/.150
(2.79/3.81)
.950
Max.
(24.13)
.450
(11.43)
.610
Max.
(15.49)
.450
(11.43)
Pad Layout
.060 Ø
(1.52)
.475
(12.07)
Vt1
(V-µsec)
150 KHz
---
---
---
---
81.4
---
90.7
---
---
Vt2
(V-µsec)
260 KHz
36.6
42.4
---
---
---
---
---
---
---
@ Vt
°C (Typ.)
34 @ Vt2
42 @ Vt2
24 @ Vt3
28 @ Vt3
44 @ Vt1
24 @ Vt3
43 @ Vt1
55 @ Vt3
27 @ Vt3
Temp.Rise
@ Vt3
(mW)
---
---
300
180
---
125
---
550
213
Vt3
(V-µsec)
52 KHz
---
---
96.2
96.2
---
96.2
---
207.7
207.7
Applications
Vin
Vout
LX
µH
D1
8V-40V
Cin
Cout
CB
10nF
FB
Vsw
Gnd
On/Off
LM267X
+
+
+Vin
+5V
Regulated
Output
Load
LX
µH
D1
1N5822
Cin
Cout
Feedback
Output
Vsw
On/Off
Gnd
LM257X
+
+
7V-40V
(60V for HV)
Unregulated
DC Input
Package AC4V
.375 ± .125
(9.53 ± 3.18)
.950
Max.
(24.13)
Pad Layout
.400
(10.16)
.060 Ø
(1.52)
.550 Max.
(13.97)
.400
(10.16)
Package AC4H
.375 ± .125
(9.53 ± 3.18)
.950
Max.
(24.13)
Pad Layout
.840
(21.34)
.060 Ø
(1.52)
.950
Max.
(24.13)
.840
(21.34)
For no header version : add “V” for Vertical Mount and add “H” for Horizonal Mount



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com