Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPIB20 Datasheet(PDF) 48 Page - PCA ELECTRONICS INC.

Part # EPIB20
Description  Contents Surface Mount Power Inductor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPIB20 Datasheet(HTML) 48 Page - PCA ELECTRONICS INC.

Back Button EPIB20 Datasheet HTML 42Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 43Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 44Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 45Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 46Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 47Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 48Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 49Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 50Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 48 / 50 page
background image
E L E C T R O N I C S I N C .
Thru-Hole Power Inductor
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Features of the EPI “AVM3” Series
• Low loss material ensures operation in high frequency switching
converters, such as Buck, Boost or as output averaging filter inductor
• Also suitable for use in high quality filter applications
• Up to 500 KHz Switching Frequency
• UL 1446 Class B Insulation System
• UL 94V-0 Recognized Material
• In Header Mount Package
• Low Cost Inductor
EPI AVM3 Series
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package AVM3
Primary Specification
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSIXXXXXXAVM3 Rev. -
11/25/02
EPI100132AVM3
EPI200142AVM3
EPI200932AVM3
EPI220153AVM3
EPI470153AVM3
EPI500942AVM3
EPI500102AVM3
EPI101752AVM3
EPI101802AVM3
EPI101432AVM3
EPI151752AVM3
EPI251422AVM3
EPI471202AVM3
EPI501192AVM3
EPI681102AVM3
EPI751342AVM3
EPI751242AVM3
EPI102212AVM3
EPI102102AVM3
Part
Number
10.04
20.96
21.25
21.38
45.98
49.60
52.27
97.22
95.32
101.68
150.58
251.10
478.90
504.97
686.38
749.33
754.42
1004.40
1027.52
Induct.
(µH ± 20%)
@ 0 Adc
.006
.009
.011
.009
.010
.017
.015
.024
.030
.038
.030
.077
.268
.267
.662
.169
.341
.510
.810
DCR
(
Ω Typ.)
11.4
11.4
7.8
15
15
7.6
10.5
8.2
8.0
4.4
7.7
4.2
2.0
1.7
1.0
3.4
1.8
1.5
1.0
Idc
(A)
7
14.6
14.8
13.6
23.3
34.6
36.4
65
48
71
105
175
374
352
613
522
526
700
880
Induct.
(µH ± 15%)
@ I Sat
13.5
14.5
9.3
15
15
9.4
10.2
7.5
8.0
4.3
7.5
4.2
2.0
1.9
1.0
3.4
2.4
2.1
1.0
I Sat
(A)
77
106
77
107
107
106
134
134
171
77
171
106
107
77
107
171
106
106
107
Core Loss
(mW)
@ Vt
11.0
19.0
16.0
19.2
28.1
29.5
33.5
45.7
42.0
35.0
66.0
66.0
91.0
77.9
109
147.3
114.3
131.9
133
Vt
(V-µSec.)
@ 100 KHz
638
1535
640
1531
2621
1527
1894
1823
1544
655
2951
1543
747
635
307
3017
1514
1543
440
Energy
(µJ)
@ I Sat
21
20
19
34
38
18
23
26
34
20
18
22
21
21
15
19
19
20
17
Temp.
Rise
@ Idc (°C)
Marking:
PCA
EPIXXXXXXAVM3
D.C.
Bottom
View
.900
(22.86)
8.25
Max.
(20.96)
.600
(15.24)
32
1
4
1.360
Max.
(34.54)
.200 ± .020
(5.08 ± .500)
.054 Ø Max.
(1.37 Ø)
1.350 Max.
(34.29)
Schematic A
1
3
Schematic B
1
2
A
A
A
B
B
A
A
A
B
A
A
A
B
A
B
A
A
A
B
Schematic
.900
(22.86)
.600
(15.24)
.057 Ø Max.
(1.45 Ø)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com