Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPIB20 Datasheet(PDF) 31 Page - PCA ELECTRONICS INC.

Part # EPIB20
Description  Contents Surface Mount Power Inductor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPIB20 Datasheet(HTML) 31 Page - PCA ELECTRONICS INC.

Back Button EPIB20 Datasheet HTML 27Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 28Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 29Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 30Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 31Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 32Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 33Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 34Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 35Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 50 page
background image
E L E C T R O N I C S I N C .
Surface Mount Power Inductor
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Features of the EPI “G4036” Series
• Used in Camcorders, LCD TV’s, Car Radios, Communications Equipment
• Low loss material ensures operation in high frequency switching
converters, such as Buck, Boost or as output averaging filter inductor
• Low cost Robust construction to withstand most SMT processes
• Also suitable for use in high quality filter applications
• Operating Temperature Range : -40°C to +105°C
• Ferrite Materials
EPI G4036 Series
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package G4036
Primary Specification
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSIXXXXXXG4036
Rev. -
9/17/02
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
820
1000
8200
Induct.
(µH ± 10%)
@ 0 Adc
.060
.070
.080
.090
.100
.110
.120
.140
.170
.190
.220
.250
.350
.400
.470
.630
.730
.970
1.15
1.30
1.48
1.90
2.25
2.55
2.75
26
DCR
(
Ω Max.)
EPI100262G4036
EPI120242G4036
EPI150222G4036
EPI180212G4036
EPI220192G4036
EPI270172G4036
EPI330152G4036
EPI390122G4036
EPI470132G4036
EPI560112G4036
EPI680112G4036
EPI820102G4036
EPI101971G4036
EPI121891G4036
EPI151781G4036
EPI181721G4036
EPI221661G4036
EPI271571G4036
EPI331521G4036
EPI391481G4036
EPI471421G4036
EPI561331G4036
EPI681281G4036
EPI821241G4036
EPI102221G4036
EPI822500G4036
Part
Number
2.60
2.45
2.27
2.15
1.95
1.76
1.50
1.37
1.28
1.17
1.11
1.00
0.97
0.89
0.78
0.72
0.66
0.57
0.52
0.48
0.42
0.33
0.28
0.24
0.22
.050
Idc
(Amps Max.)
Note :
1. Temperature Rise : 40°C Typ. @ Idc
2. Inductance Change at I Saturation : 10% TYP.
.354 ± .016
(9.00 ± .400)
.394
± .016
(10.00
± .400)
.118
(3.00)
.213 ± .016
(5.40 ± .400)
Recommended
Pad Layout
.148
(3.75)
.374
(9.50)
.394
(10.00)
Marking:
PCA
Inductance Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com