Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPIB20 Datasheet(PDF) 21 Page - PCA ELECTRONICS INC.

Part # EPIB20
Description  Contents Surface Mount Power Inductor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPIB20 Datasheet(HTML) 21 Page - PCA ELECTRONICS INC.

Back Button EPIB20 Datasheet HTML 17Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 18Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 19Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 20Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 21Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 22Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 23Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 24Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 25Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
E L E C T R O N I C S I N C .
Surface Mount Power Inductor
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Features of the EPI “F2222” Series
• Used in PDA’s Flash Memory, Digital Cameras, Communications Equipment
• Low loss material ensures operation in high frequency switching
converters, such as Buck, Boost or as output averaging filter inductor
• Low cost Robust construction to withstand most SMT processes
• Also suitable for use in high quality filter applications
• Operating Temperature Range : -40°C to +105°C
• Ferrite Materials
EPI F2222 Series
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package F2222
Primary Specification
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSIXXXXXXF2222
Rev. -
9/12/02
2.6
3.0
4.2
5.3
6.2
8.2
10
15
22
33
47
56
68
82
100
Induct.
(µH ± 20%)
@ 0 Adc
.018
.024
.031
.038
.045
.053
.065
.103
.122
.189
.260
.305
.355
.463
.520
DCR
(
Ω Max.)
EPI2L6262F2222
EPI3L0242F2222
EPI4L2222F2222
EPI5L3192F2222
EPI6L2182F2222
EPI8L2162F2222
EPI100132F2222
EPI150112F2222
EPI220901F2222
EPI330751F2222
EPI470621F2222
EPI560581F2222
EPI680521F2222
EPI820461F2222
EPI101421F2222
Part
Number
2.6
2.4
2.2
1.9
1.8
1.6
1.3
1.1
.90
.75
.62
.58
.52
.46
.42
Idc
(Amp.)
.118
Max.
(3.00)
.224 ± .012
(5.70 ± .300)
.224 ± .012
(5.70 ± .300)
.248
(6.30)
.248
(6.30)
.079 (2.00)
.217
(5.50)
.217
(5.50)
Marking:
PCA
Inductance Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com