Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPIB20 Datasheet(PDF) 38 Page - PCA ELECTRONICS INC.

Part # EPIB20
Description  Contents Surface Mount Power Inductor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPIB20 Datasheet(HTML) 38 Page - PCA ELECTRONICS INC.

Back Button EPIB20 Datasheet HTML 34Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 35Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 36Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 37Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 38Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 39Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 40Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 41Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 42Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 50 page
background image
E L E C T R O N I C S I N C .
Thru-Hole Power Inductor
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Features of the EPI “A38HM” Series
• Low loss material ensures operation in high frequency switching
converters, such as Buck, Boost or as output averaging filter inductor
• Also suitable for use in high quality filter applications
• Up to 500 KHz Switching Frequency
• UL 1446 Class B Insulation System
• UL 94V-0 Recognized Material
• In Header Mount Package
• Low Cost Inductor
EPI A38HM Series
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Primary Specification
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSIXXXXXXA38HM
Rev. -
11/19/02
9.6
Induct.
(µH ± 20%)
@ 0 Adc
.014
DCR
(
Ω Typ.)
EPI100452A38HM
Part
Number
4700
Idc
(mA)
6.7
Induct.
(µH ± 15%)
@ I Sat
4500
I Sat
(mA)
32.3
Core Loss
@ Vt
(mW)
6.6
Vt
(V-µSec.)
@ 100 KHz
67.1
Energy
(µJ)
@ I Sat
35
Temp. Rise
@ Idc (°C)
EPI200322A38HM
19.6
.032
3200
13.5
3200
32.3
9.4
69
39
Package A38HM
.535 Max.
(13.60)
.449
Max.
(11.40)
.425
(10.80)
.449
Max.
(11.40)
Marking:
PCA
Inductance
Value
.425
(10.80)
.295
(7.50)
.150 ± .039
(3.80 ± 1.00)
.020 Ø
(.500)
.027 Ø
(.700)
1
23
4
Schematic
1
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com