Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPIB20 Datasheet(PDF) 25 Page - PCA ELECTRONICS INC.

Part # EPIB20
Description  Contents Surface Mount Power Inductor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPIB20 Datasheet(HTML) 25 Page - PCA ELECTRONICS INC.

Back Button EPIB20 Datasheet HTML 21Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 22Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 23Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 24Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 25Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 26Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 27Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 28Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 29Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 50 page
background image
E L E C T R O N I C S I N C .
Surface Mount Power Inductors
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Used in PDA’s, Cell Phones, Digital Cameras, MP3 Players,
Low Power CPU & DSP Supply and Organizers
• Used as an Inductor in TI TPS6205X, TPS6110X and TPS6112X
Series Applications
• Low loss material ensures operation in high frequency switching
converters, such as Buck, Boost or as output averaging filter inductor
EPI F3030L Series
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Primary Specification
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSIXXXXXXF3030L
Rev. 1
1/28/03
10
12
15
18
22
33
39
47
56
68
82
100
120
150
220
330
470
560
680
820
1000
Induct.
(µH ± 20%)
@ 0 Adc
.072
.098
.130
.140
.190
.240
.320
.360
.470
.520
.690
.790
.890
1.27
1.65
2.62
4.18
4.67
5.73
6.54
9.44
DCR
(
Ω Max.)
EPI100162F3030L
EPI120152F3030L
EPI150132F3030L
EPI180122F3030L
EPI220102F3030L
EPI330911F3030L
EPI390771F3030L
EPI470761F3030L
EPI560681F3030L
EPI680611F3030L
EPI820571F3030L
EPI101501F3030L
EPI121491F3030L
EPI151431F3030L
EPI221351F3030L
EPI331281F3030L
EPI471241F3030L
EPI561221F3030L
EPI681191F3030L
EPI821181F3030L
EPI102161F3030L
Part
Number
1.68
1.52
1.33
1.20
1.07
0.91
0.77
0.76
0.68
0.61
0.57
0.50
0.49
0.43
0.35
0.28
0.24
0.22
0.19
0.18
0.16
Idc
(Amp)
Package F3030L
.287
± .008
(7.30
± .200)
.200
(5.10)
.138 Max.
(3.50)
Recommended
Pad Layout
.138
(3.50)
.150
(3.83
.335
(8.50)
Marking:
PCA
Inductance Value
.080
(2.03)
.287
± .008
(7.30
± .200)
Note :
1. Temperature Rise : 40°C Max. @ Idc
2. Inductance Change at Idc : 20% Typ.
3. Inductance Change at Isat: 35% Approximate.
2.10
1.90
1.66
1.50
1.33
1.13
0.96
0.95
0.85
0.76
0.71
0.62
0.61
0.53
0.43
0.35
0.30
0.27
0.23
0.22
0.20
Isat
(Amp)
Battery
TPS6112X
SWN
PGnd
FB
VBat
LBI
SKIPEN
Gnd
SWP
Control
Outputs
Vcc1
VOut
EN
LDOEN
PGOOD
LBO
LDOOUT
LDOIN
LDOSENSE
Vcc2
On
On
On
Off
Off
Off
Control
Inputs
L1
+
-
Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com