Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPIB20 Datasheet(PDF) 22 Page - PCA ELECTRONICS INC.

Part # EPIB20
Description  Contents Surface Mount Power Inductor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPIB20 Datasheet(HTML) 22 Page - PCA ELECTRONICS INC.

Back Button EPIB20 Datasheet HTML 18Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 19Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 20Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 21Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 22Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 23Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 24Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 25Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 26Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
E L E C T R O N I C S I N C .
Surface Mount Power Inductor
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Used in PDA’s, Cell Phones, Digital Cameras, MP3 Players,
Low Power CPU & DSP Supply and Organizers
• Used as an Inductor in TI TPS6205X, TPS6101X, TPS6110X
and TPS6112X Series Applications
• Low loss material ensures operation in high frequency switching
converters, such as Buck, Boost or as output averaging filter inductor
EPI F2626 Series
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package F2626
Primary Specification
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSIXXXXXXF2626
Rev. 1
6/9/03 FF
3.3
5.0
6.2
7.4
8.7
10
15
22
33
47
56
68
82
100
Induct.
(µH ± 20%)
@ 0 Adc
.020
.024
.027
.031
.034
.038
.057
.096
.124
.155
.202
.234
.324
.358
DCR
(
Ω Max.)
EPI3L3352F2626
EPI5L0292F2626
EPI6L2252F2626
EPI7L4232F2626
EPI8L7222F2626
EPI100202F2626
EPI150162F2626
EPI220132F2626
EPI330112F2626
EPI470951F2626
EPI560851F2626
EPI680751F2626
EPI820701F2626
EPI101651F2626
Part
Number
3.5
2.9
2.5
2.3
2.2
2.0
1.6
1.3
1.1
.95
.85
.75
.70
.65
Idc
(Amp.)
.157
Max.
(4.00)
.264 ± .012
(6.70 ± .300)
.264 ± .012
(6.70 ± .300)
.287
(7.30)
.287
(7.30)
.079 (2.00)
.256
(6.50)
.256
(6.50)
Marking:
PCA
Inductance
Value
Applications
Input
Output
@ 800 mA
VIN
FB
TPS6205X
SW
SYNC
LBO
Gnd
EN
PG
Gnd
LBi
L1
Co
Ci
1
8
6
7
9
5
4
2
310
TPS6101X
VOUT
VBAT
LBI
Gnd
Low
Battery
Warning
VOut
LBO
EN
ADEN
FB
COMP
On
On
Off
Off
Control
Inputs
Ci
Co
R1
R2
R3
Cc1
Cc2
Rc
L2
SW
7
6
5
1
8
3
2
10
5
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com