Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPIB20 Datasheet(PDF) 13 Page - PCA ELECTRONICS INC.

Part # EPIB20
Description  Contents Surface Mount Power Inductor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPIB20 Datasheet(HTML) 13 Page - PCA ELECTRONICS INC.

Back Button EPIB20 Datasheet HTML 9Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 10Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 11Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 12Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 13Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 14Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 15Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 16Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 17Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
E L E C T R O N I C S I N C .
Surface Mount Power Inductor
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Low loss material ensures operation in high frequency switching
converters, such as Buck, Boost or as output averaging filter inductor
• Also suitable for use in high quality filter applications
• 500 KHz & 200 KHz Switching Frequency
EPI B50 Series
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Primary Specification
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSIXXXXXXB50
Rev. 3
3/5/03
Induct.
(µH 15%)
@ Idc
1.0 ± 20%
1.5 ± 20%
2.2 ± 20%
3.3
4.7
6.8
10
15
22
33
47
56
60
68
100
150
220
330
470
680
1000
Temp.Rise
1.18
1.9
2.9
4.0
6.1
9.6
16.2
21.3
29.4
44.3
62.4
73
64.9
81
118
177
270
418
607
894
1314
Induct.
(µH ± 15%)
@ 0 Adc
DCR
(
Ω Typ.)
.0037
.0047
.0058
.0069
.0085
.0106
.016
.026
.037
.061
.086
.121
.100
.202
.300
.460
.566
.705
.850
1.03
1.25
Vt1
(V-µSec)
@ 500 KHz
1.4
1.8
2.2
2.6
3.2
4.0
5.0
6.0
7.0
8.6
10.2
11.0
---
11.6
13.6
17.2
21.2
26.4
31.8
38.6
46.
@ Vt1
°C (Typ.)
35
39
39
37
40
40
37
40
36
38
38
37
---
36
34
36
36
36
34
31
27
Part
Number
EPI1L0113B50
EPI1L5103B50
EPI2L2942B50
EPI3L3832B50
EPI4L7792B50
EPI6L8702B50
EPI100552B50
EPI150452B50
EPI220352B50
EPI330292B50
EPI470242B50
EPI560202B50
EPI600102B50
EPI680152B50
EPI101122B50
EPI151102B50
EPI221901B50
EPI331801B50
EPI471701B50
EPI681601B50
EPI102501B50
Idc
(Amps)
11.0
10.4
9.4
8.3
7.9
7.0
5.5
4.5
3.5
2.9
2.4
2.0
1.0
1.5
1.2
1.0
0.9
0.8
0.7
0.6
0.5
Vt2
(V-µSec)
@ 200 KHz
---
---
---
---
---
---
---
---
---
---
---
---
19.8
---
---
---
---
---
---
---
---
@ Vt2
°C (Typ.)
---
---
---
---
---
---
---
---
---
---
---
---
14
---
---
---
---
---
---
---
---
Package B50
.660
(16.76)
.580
(14.73)
.690
(17.53)
.590
(14.99)
.620
(15.75)
.060 (1.52)
Suggested
Pad
Latout
.380 Max.
(9.65)
Note: Coplanarity within .005” Max.
PCA
EPIXXXXXXB50
D.C.
• Core Loss at Ref. Vt1 : 48 mW • Core Loss at Ref. Vt2 : 53.7 mW •



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com