Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPIB20 Datasheet(PDF) 45 Page - PCA ELECTRONICS INC.

Part # EPIB20
Description  Contents Surface Mount Power Inductor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPIB20 Datasheet(HTML) 45 Page - PCA ELECTRONICS INC.

Back Button EPIB20 Datasheet HTML 41Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 42Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 43Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 44Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 45Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 46Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 47Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 48Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 49Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 50 page
background image
E L E C T R O N I C S I N C .
Thru-Hole Power Inductor
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Low loss material ensures operation in high frequency switching
converters, such as Buck, Boost or as output averaging filter inductor
• Inductor with varying Volt-Seconds and Low Core Loss
• Also suitable for use in high quality filter applications
• Low Cost & Low Proflie Thru Hole Inductor
• 50 KHz & 500 KHz Switching Frequency
EPI AV50 Series
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Primary Specification
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSIXXXXXXAV50
Rev. 1
3/5/03
220
326
430
636
1002
1155
1216
Induct.
(µH ± 20%)
@ 0 Adc
DCR
(
Ω Typ.)
0.21
0.31
0.57
0.70
0.87
1.17
1.20
Vt1
(V-µSec)
96.2
96.2
111.6
134.7
169.3
182.7
186.6
Induct.
(µH 15%)
@ Idc
150
220
330
470
680
820
1000
Part
Number
EPI151172AH50
EPI221152AH50
EPI331102AH50
EPI471901AH50
EPI681851AH50
EPI821751AH50
EPI102501AH50
Idc
(mA)
1700
1500
1000
900
850
750
500
@ Vt1
°C (Typ.)
41
46
39
40
42
41
25
Temp.Rise
Package AV50
.460
Max.
(11.68)
.120/.170
(3.05/4.32)
.710
Max.
(18.03)
.400
(10.16)
.510
Max.
(12.95)
.400
(10.16)
Pad
Layout
.070 Ø
(1.78)
.600
(15.24)
.600
(15.24)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com