Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPIB20 Datasheet(PDF) 3 Page - PCA ELECTRONICS INC.

Part # EPIB20
Description  Contents Surface Mount Power Inductor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPIB20 Datasheet(HTML) 3 Page - PCA ELECTRONICS INC.

  EPIB20 Datasheet HTML 1Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 2Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 3Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 4Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 5Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 6Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 7Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 8Page - PCA ELECTRONICS INC. EPIB20 Datasheet HTML 9Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
E L E C T R O N I C S I N C .
Surface Mount Power Inductor
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Optimized for National’s LM259X Series
• Low loss material ensures operation in high frequency switching
converters, such as Buck, Boost or as output averaging filter inductor
• Also suitable for use in high quality filter applications
• 150 KHz & 500 KHz Switching Frequency
• Low Cost Inductor
EPI B20 Series
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Primary Specification
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSIXXXXXXB20
Rev. 3
3/5/03
1.05
5.2
7.5
10.9
16.8
25
36.5
51.6
75
110
166
248
Induct.
(µH ± 20%)
@ 0 Adc
DCR
(
Ω Typ.)
.011
.051
.061
.094
.148
.224
.343
.408
.625
.958
1.476
2.225
Vt1
(V-µSec)
150 KHz
---
---
---
---
---
6.6
8.0
9.3
11.3
14
17
20.6
@ Vt1
°C (Typ.)
---
---
---
---
---
42
38
34
37
37
37
40
Induct.
(µH 15%)
@ Idc
0.9
4.7
6.8
10
15
22
33
47
68
100
150
220
Part
Number
EPI1L0342B20
EPI4L7122B20
EPI6L8951B20
EPI100801B20
EPI150701B20
EPI220601B20
EPI330441B20
EPI470371B20
EPI680321B20
EPI101261B20
EPI151211B20
EPI221181B20
Core Loss
Idc
(mA)
3400
1200
950
800
700
600
440
370
320
260
210
180
Vt2
(V-µSec)
260 KHz
0.5
2.0
2.4
3.0
3.6
---
---
---
---
---
---
---
National
Semiconductor
Chip
---
---
---
---
---
LM259X-L7
LM259X-L6
LM259X-L5
LM259X-L4
LM259X-L3
LM259X-L2
LM259X-L1
@ Vt2
°C (Typ.)
54
40
34
35
40
---
---
---
---
---
---
---
Temp.Rise
---
---
---
---
---
23.4
23.4
23.4
23.4
23.4
23.4
23.4
@ Vt1
(mW)
@ Vt2
(mW)
6.5
23.4
23.4
23.4
23.4
---
---
---
---
---
---
---
Package B20
.330
(8.83)
.260
(6.60)
.330
(8.38)
.270
(6.86)
.300
(7.62)
.060 (1.52)
Suggested
Pad
Latout
.270 Max.
(6.86)
Note: Coplanarity within .005” Max.
PCA
EPIXXXXXXB20
D.C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com