Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5310 Datasheet(PDF) 28 Page - Injoinic Technology Co.,Ltd.

Part # IP5310
Description  support High and low voltage SCP, two-way PD3.0 and other mobile power SOCs with all fast charging protocols
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5310 Datasheet(HTML) 28 Page - Injoinic Technology Co.,Ltd.

Back Button IP5310 Datasheet HTML 24Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 25Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 26Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 27Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 28Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 29Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 30Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 31Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 32Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
IP5356
V1.1
Email: service@injoinic.com
28 / 35
Copyright © 2020, Injoinic Corp.
9. 典型应用原理图
IP5356 只需要 MOS 管、电感、电容、电阻等少了无源器件,即可实现完整功能的快充移动电源方案。
IP5356_LED_BZ/IP5356_LED_CL 应用
IP5356
VSYS
LX LX LX LX LX
NTC
LED1
LED2
LED3
LED6
KEY
L1
2.2UH
AGND GND
EPAD
BAT
VIN
CL
GND
D1
25%
D2
50%
D3
75%
D4
100%
40
1
2
11
21
22
39
CP6
22uF
VSYS
VSYS
VSYS
12
13
38
CP7
22uF
CP8
22uF
CP9
22uF
C1
0.1uF
CP11
22uF
DAT1
DAT2
BAT
R6 10K
R5 100R
RNTC 10K
R8 100R
R7 100R
C6
2.2uF
C5
2.2uF
Micro-B
VIN
GND
VIN
DMB
DPB
17
VIN
16
23
24
DMB
DPB
CL
C8
2.2uF
TYPE-A
VOUT1
GND
VOUT1
DPA1
DMA1
37
VOUT1
36
30
31
DMA1
DPA1
C9
2.2uF
TYPE-A
VOUT2
GND
VOUT2
DPA2
DMA2
35
VOUT2
34
32
33
DMA2
DPA2
TYPE-C
VBUS
CC1
CC2
GND
DMC
DPC
C7
2.2uF
VBUS
DMC
DPC
15
14
25
26
CC1
CC2
27
28
VSYS
CP12
22uF
CP13
22uF
BST
C2
0.1uF
VCC
9
C3
2.2uF
LED5
LED4
R1
510R
10
20
29
不使用NTC时,NTC
pin脚10K接地
U1
USB1
USB2
USB3
USB4
USB5
K1
D6
D5
A、如果方案上同时有B口和LIGHTNING口
1、注意双口不要同时插入,可以在模具上做限制,D7/D8可省略;
2、如果存在同时插入的情况,D7/D8不可省略;
B、如果方案上只有B口或者只有LIGHTNING口:
D7/D8可省略;
D7
SS34
D8
SS34
VBUS
D9
IN5819
快充指示灯
R12 NC
电池电压选择电阻
lightning
R2
3K
lightning
VCC
Lightning输入解码pin、快充指示灯在LED6
pin上复用。LED6做快充灯、lightning解码
只能二选一,出厂时设定好。
R13 22K
lightning解码
FCAP pin选容量
电池容量=R13*0.448 (mAH)
R12 VSET端电阻 Kohm 对应电池类型
NC
4.2V
62
4.3V
33
4.35V
10
4.4V
R14 NC/0R
IP5356_LED_BZ
IP5356_LED_CL
R5
100R
NC
D5
贴片LED
NC
R1
NC
510R
R2
NC
3K
R14
NC
0R
快充指示灯
lightning解码
LIGHTING
8
10
5
9
6
1
2
GND
GND
R15 20R
C11
0.1uF
C12
0.1uF
C10
0.1uF
图
20
IP5356_LED 系列应用的典型应用原理图



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com