Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5310 Datasheet(PDF) 19 Page - Injoinic Technology Co.,Ltd.

Part # IP5310
Description  support High and low voltage SCP, two-way PD3.0 and other mobile power SOCs with all fast charging protocols
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5310 Datasheet(HTML) 19 Page - Injoinic Technology Co.,Ltd.

Back Button IP5310 Datasheet HTML 15Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 16Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 17Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 18Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 19Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 20Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 21Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 22Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 23Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
IP5356
V1.1
Email: service@injoinic.com
19 / 35
Copyright © 2020, Injoinic Corp.
电量计和电量显示
IP5356 内置电量计功能,可实现准确的电池电量计算。
IP5356 支持 4 灯,3 灯,2 灯和 1 灯模式自动选择。
IP5356 支持 188 数码管显示电量。
LED 灯电量显示模式
IP5356 4、3、2、1 颗电量显示灯方案,连接方式如下。
LED3
LED2
LED1
LED3
LED2
LED1
LED3
LED2
LED1
VSET
VSET
10K
VSET
4灯模式
3灯模式
2灯模式1
VCC
LED3
LED2
LED1
VSET
2灯模式2
VCC
3.3K
3.3K
LED3
LED2
LED1
10K
VSET
1灯模式1
10K
D1
D2
D3
D4
D1
D2
D3
D1
D2
D1
D2
100R
100R
100R
100R
100R
100R
图 14
4、3、2、1LED 连接方式



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com