Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5310 Datasheet(PDF) 4 Page - Injoinic Technology Co.,Ltd.

Part # IP5310
Description  support High and low voltage SCP, two-way PD3.0 and other mobile power SOCs with all fast charging protocols
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5310 Datasheet(HTML) 4 Page - Injoinic Technology Co.,Ltd.

  IP5310 Datasheet HTML 1Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
IP5356
V1.1
Email: service@injoinic.com
4 / 35
Copyright © 2020, Injoinic Corp.
25
DPC
USB C 口手机快充智能识别 DP
26
DMC
USB C 口手机快充智能识别 DM
27
CC2
USB C 检测引脚 CC2
28
CC1
USB C 检测引脚 CC1
29
CL
Lightning 输入口的 CC 线,连接苹果 lightning 输入口的第 8 脚;或者 C
口输出的 CC 线
30
DPA1
VOUT1 口手机快充智能识别 DP
31
DMA1
VOUT1 口手机快充智能识别 DM
32
DPA2
VOUT2 口手机快充智能识别 DP
33
DMA2
VOUT2 口手机快充智能识别 DM
34、35
VOUT2
VOUT2 输出口电源引脚
36、37
VOUT1
VOUT1 输出口电源引脚
40
LED1
电量显示灯驱动 LED1/I2C SCK
41(EPAD)
GND
功率地和散热地,需要保持与 GND 良好接触
2. IP 系列型号选择表
移动电源 IC
IC
型号
充放电
主要特点
封装
放电
充电
LED
灯数
照明
I2C
DCP
USB
C
QC
认证
PD3.0
/PPS
规格
兼容
IP5303T
1.0A
1.2A
1,2
-
-
-
-
-
ESOP8
IP5305T
1.0A
1.2A
1,2,3,4
-
-
-
-
-
ESOP8
IP5306
2.4A
2.1A
1,2,3,4
-
-
-
-
ESOP8
IP5306H
2.4A
2.1A
1,2,3,4
-
-
-
-
ESOP8
IP5406T
2.4A
2.1A
1,2,4
-
-
-
-
-
ESOP8
IP5407
2.4A
2.1A
1,2,4
-
-
-
-
-
ESOP8
IP5207
1.2A
1.2A
3,4,5
-
-
-
-
QFN24
IP5209
2.4A
2.1A
3,4,5
-
-
-
QFN24
IP5209U
2.4A
2.1A
3,4,5
-
-
-
QFN24
IP5207T
1.2A
1.2A
1,2,3,4
-
-
-
QFN24
IP5189T
2.1A
2.1A
1,2,3,4
-
-
-
QFN24
IP5189TH
2.1A
2.1A
1,2,3,4
-
-
-
QFN24
IP5310
3.1A
3.0A
1,2,3,4
-
-
QFN32
IP5506
2.4A
2.1A
数码管
-
-
-
-
-
ESOP16
IP5508
2.4A
2.1A
数码管
-
-
-
-
QFN32
IP5330
3.1A
3.0A
数码管
-
-
-
QFN32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com