Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5310 Datasheet(PDF) 9 Page - Injoinic Technology Co.,Ltd.

Part # IP5310
Description  support High and low voltage SCP, two-way PD3.0 and other mobile power SOCs with all fast charging protocols
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5310 Datasheet(HTML) 9 Page - Injoinic Technology Co.,Ltd.

Back Button IP5310 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 11Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 12Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 13Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
IP5356
V1.1
Email: service@injoinic.com
9 / 35
Copyright © 2020, Injoinic Corp.
7. 功能描述
内部结构框图
LX
Boost&
Charger
control
BST
PEAK CURRENT
LIMT
Zero CurDet
Charge
Pump
VSYS
ADC
Vbusok
系统逻
辑控制
VIN
VOUT2
VOUT2插
入检测
VOUT1插入
检测
BAT低电检测
VIN输入快充协
BAT
DPB
DMB
VOUT1输出快
充协议
VOUT2输出快
充协议
DPA1
DMA1
DPA2
DMA2
+
-
I2C interface
VCC
Vref/IREF
VCC
20uA
VSET
-
-
VCC
20uA/80uA
NTC
VSET_OUT
Vbusuv
KEY&WLED
OSC
OTP
HS NMOS
LS NMOS
PGND
KEY
HVCC LDO
HVCC
HVCC
VSYS
VOUT1
IVOUT2
IVOUT1
IVIN
IVBUS
Vinok
Vinuv
TYPEC &PD
CC2
CC1
VBUS输入输出
快充协议
DPC
DMC
LED1
LED2
LED电
量显示
LED3
LED4
LED5
LED6
VCC
VCC
VCC
20uA 20uA 20uA
GPIO&MFP
VBUS
LED3
图 4 内部结构框图
低电锁定与激活
IP5356在第一次接入电池时,无论电池电压是多少,芯片都是处于锁定状态的,电量灯最低位会闪5s,
或者数码管的个位闪5s进行提示;在非充电状态时,如果电池电压过低触发低电关机,IP5356也会进入锁
定状态。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com