Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5310 Datasheet(PDF) 8 Page - Injoinic Technology Co.,Ltd.

Part # IP5310
Description  support High and low voltage SCP, two-way PD3.0 and other mobile power SOCs with all fast charging protocols
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5310 Datasheet(HTML) 8 Page - Injoinic Technology Co.,Ltd.

Back Button IP5310 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 11Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 12Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
IP5356
V1.1
Email: service@injoinic.com
8 / 35
Copyright © 2020, Injoinic Corp.
负载短路检测时间
TOCD
输出电流持续大于 4.4A
150
200
us
控制系统
开关频率
fs
放电开关频率
300
350
400
KHz
充电开关频率
450
500
550
KHz
NMOS 导通电阻
rDSON
上管
9
11
NMOS 导通电阻
下管
9
11
VCC 输出电压
VCC
VBAT=3.7V
3.3
V
电池端待机电流
ISTB
VIN=0V,VBAT=3.7V,平均电流
80
uA
LDO 输出电流
ILDO
40
50
60
mA
LED 照明驱动电流
IWLED
10
15
20
mA
LED 显示驱动电流
IL1
IL2
IL3
电压下降 10%
3
mA
总负载轻载关机自
动检测时间
T1load
负载电流持续小于 80mA
25
32
44
s
输出口轻载关断自
动检测时间
T2load
14
16
18
s
短按键唤醒时间
TOnDeboun
ce
60
100
200
ms
打开 WLED 时间
TKeylight
1.2
2
3
s
热关断温度
TOTP
上升温度
130
140
150
热关断温度迟滞
ΔT
OTP
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com