Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5310 Datasheet(PDF) 31 Page - Injoinic Technology Co.,Ltd.

Part # IP5310
Description  support High and low voltage SCP, two-way PD3.0 and other mobile power SOCs with all fast charging protocols
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5310 Datasheet(HTML) 31 Page - Injoinic Technology Co.,Ltd.

Back Button IP5310 Datasheet HTML 27Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 28Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 29Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 30Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 31Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 32Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 33Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 34Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 35Page - Injoinic Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
IP5356
V1.1
Email: service@injoinic.com
31 / 35
Copyright © 2020, Injoinic Corp.
IP5356_LED_CC
LED 灯应用
IP5356_LED_CC 方案支持 MICRO-B 快充输入、TYPE-C 快充输入输出、TYPE-C 快充输出、USB-A 快充输出
IP5356
VSYS
LX LX LX LX LX
NTC
LED1
LED2
LED3
LED6
KEY
L1
2.2UH
AGND GND
EPAD
BAT
D1
25%
D2
50%
D3
75%
D4
100%
40
1
2
11
21
22
39
CP6
22uF
VSYS
VSYS
VSYS
12
13
38
CP7
22uF
CP8
22uF
CP9
22uF
C1
0.1uF
CP11
22uF
BAT
R6 10K
R5 100R
RNTC 10K
R8 100R
R7 100R
C5
2.2uF
Micro-B
VIN
GND
VIN
DMB
DPB
17
VIN
16
23
24
DMB
DPB
TYPE-A
VOUT1
GND
VOUT1
DPA1
DMA1
37
VOUT1
36
30
31
DMA1
DPA1
VOUT2
GND
VOUT2
DPA2
DMA2
35
VOUT2
34
32
33
DMA2
DPA2
TYPE-C
VBUS
CC1
CC2
GND
DMC
DPC
VBUS
DMC
DPC
15
14
25
26
CC1
CC2
27
28
VSYS
CP12
22uF
CP13
22uF
BST
C2
0.1uF
VCC
9
C3
2.2uF
LED5
LED4
10
20
不使用NTC时,NTC
pin脚10K接地
U1
USB2
USB1
USB3
USB4
K1
D6
D5
VBUS
D9
IN5819
快充指示灯
R12 NC
电池电压选择电阻
R13 22K
FCAP pin选容量
电池容量=R13*0.448 (mAH)
TYPE-C
CL
支持C-C 5pin线缆
只支持PD QC输出协议
R12 VSET端电阻 Kohm
对应电池类型
NC
4.2V
62
4.3V
33
4.35V
10
4.4V
支持PD QC输入输出协议
CL
29
R15 20R
C8
2.2uF
C9
2.2uF
C7
2.2uF
C11
0.1uF
C12
0.1uF
C10
0.1uF
图
21
IP5356 数码管应用的典型应用原理图



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com