Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5310 Datasheet(PDF) 30 Page - Injoinic Technology Co.,Ltd.

Part # IP5310
Description  support High and low voltage SCP, two-way PD3.0 and other mobile power SOCs with all fast charging protocols
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5310 Datasheet(HTML) 30 Page - Injoinic Technology Co.,Ltd.

Back Button IP5310 Datasheet HTML 26Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 27Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 28Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 29Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 30Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 31Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 32Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 33Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 34Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
IP5356
V1.1
Email: service@injoinic.com
30 / 35
Copyright © 2020, Injoinic Corp.
BOM 表
序号
元件名称
型号&规格
位置
用量
备注
1
贴片 IC
QFN40 IP5356
U1
1
2
贴片电容
0603 100nF 10% 16V
C1
1
3
贴片电容
0603 100nF 10% 25V
C2 C10 C11 C12
4
4
贴片电容
0603 2.2uF 10% 16V
C3
1
5
贴片电容
0603 2.2uF 10% 25V
C5 C6 C7 C8 C9
5
6
贴片电容
0805 22uF 10% 16V
CP11 CP12 CP13
3
7
贴片电容
0805 22uF 10% 25V
CP6 CP7 CP8 CP9
4
8
贴片电阻
0603R 100R 1%
R7 R8
2
可选,LED 原理图
9
贴片 LED
0603 蓝灯
D1 D2 D3 D4
4
10
贴片电阻
0603R NC 1%
R12
1
11
贴片电阻
0603R 100R 1%
R7 R8 R9 R10 R11
5
可选,数码管原理图
12
贴片数码管
YF2252SR-5
SMG1
1
13
贴片电阻
0603R 100R 1%
R5
1
可选,快充灯方案
14
贴片 LED
0603 红灯
D5
1
15
贴片电阻
0603R 22K 1%
R13
1
可选,FCAP 电路
16
贴片肖特基
SS34
D7 D8
2
17
贴片肖特基
IN5819
D9
1
18
贴片电阻
0603R 510R 1%
R1
1
可选,苹果解密电路
19
贴片电阻
0603R 3K 1%
R2
1
20
贴片电阻
0603R NC/0R 1%
R14
1
21
贴片电阻
0603R 10K 1%
R6
1
22
贴片电阻
0603R 20R 1%
R15
1
23
NTC 热敏电阻
10K@25℃ B=3380
RNTC
1
NTC 电路需添加的物料
24
LED 灯
5MM LED
D6
1
25
一体成型电感
2.2uH 10*10
L1
1
26
按键
SMT 3*6 按键
K1
1
27
输出 USB
AF10 8 脚插件 USB
USB1 USB2
2
28
输入 USB
MICRO-7-DIP-5.9
USB5
1
29
USB C 座子
USB C 座子
USB3
1
30
LIGHTING 座子
苹果头母座
USB4
1
电感推荐型号
DARFON PIN
Thickness
(mm)
Inductance
(uH)
Tolerance
DC
Resistance
(mΩ)
Heat Rating
Current
DC Amp.
Saturation
Current
DC Amps.
Measuring
Condition
Typ.
Max.
Idc(A)Max.
Isat(A)Max.
SPM70702R2MESQ
5
2.2
±20%
9
10.2
10.5
13.5
100kHz/1.0V
SPM10102R2MESN
4
2.2
±20%
6
7
12
18
100kHz/1.0V
SHC1004-2R2M
4
2.2
±20%
7
9
12
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com