Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5310 Datasheet(PDF) 7 Page - Injoinic Technology Co.,Ltd.

Part # IP5310
Description  support High and low voltage SCP, two-way PD3.0 and other mobile power SOCs with all fast charging protocols
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5310 Datasheet(HTML) 7 Page - Injoinic Technology Co.,Ltd.

Back Button IP5310 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 11Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
IP5356
V1.1
Email: service@injoinic.com
7 / 35
Copyright © 2020, Injoinic Corp.
VIN or VBUS =12V,输入电流
1.3
1.5
1.7
A
涓流充电电流
ITRKL
VIN=5V,BAT<1.5V
70
120
170
mA
VIN=5V,1.5V<=BAT<3.0V
100
200
300
mA
涓流截止电压
VTRKL
2.9
3
3.1
V
充电停充电流
ISTOP
250
400
550
mA
再充电阈值
VRCH
4.05
4.1
4.15
V
充电截止时间
TEND
20
24
27
Hour
升压系统
电池工作电压
VBAT
3.0
4.5
V
开关工作电池输入
电流
IBAT
VBAT=3.7V,VOUT=5.1V,fs=350KHz
Iout=0mA
3
5
mA
DC 输出电压
QC2.0
VOUT
VOUT=5V@1A
4.95
5.12
5.23
V
VOUT=9V@1A
8.70
9
9.30
V
VOUT=12V@1A
11.60
12
12.40
V
QC3.0
VOUT
@1A
4.95
12.45
V
QC3.0
Step
200
mV
输出电压纹波
ΔV
OUT
VBAT=3.7V,VOUT=5.0V,fs=350KHz
100
mV
VBAT=3.7V,VOUT=9.0V,fs=350KHz
150
mV
VBAT=3.7V,VOUT=12V,fs=350KHz
200
mV
升压系统供电电流
Iout
VOUT=5V
3.1
A
VOUT=9V
2.0
A
VOUT=12V
1.5
A
升压系统效率
η
out
VBAT=3.7V,VOUT=5V,IOUT=2A
93
%
VBAT=3.7V,VOUT=9V,IOUT=2A
92
%
VBAT=3.7V,VOUT=12V,IOUT=1.5A
91
%
升压系统过流关断
电流
Ishut
VBAT=3.7V,VOUT=5V
3.4
3.8
4.2
A
VBAT=3.7V,VOUT=9V
2.1
2.4
2.7
A
VBAT=3.7V,VOUT=12V
1.55
1.7
2.0
A
输出轻载关机电流
Iload
VBAT=3.7V
50
80
100
mA
负载过流检测时间
TUVD
输出电压持续低于 4.2V
30
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com