Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB355 Datasheet(PDF) 67 Page - ATMEL Corporation

Part # AT43USB355
Description  Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB355 Datasheet(HTML) 67 Page - ATMEL Corporation

Back Button AT43USB355_06 Datasheet HTML 63Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 64Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 65Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 66Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 67Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 68Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 69Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 70Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 71Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 115 page
background image
67
AT43USB355
2603G–USB–04/06
Port A Data Register – PORTA
Port A Data Direction Register – DDRA
Port A Input Pins Address – PINA
The Port A Input Pins address (PINA) is not a register, and this address enables access to the
physical value on each Port A pin. When reading PORTA the Port A Data Latch is read, and
when reading PINA, the logical values present on the pins are read.
PortA as General
Digital I/O
All 8 pins in Port A have equal functionality when used as digital I/O pins.
PAn, General I/O Pin: The DDAn bit in the DDRA register selects the direction of this pin, if
DDAn is set (one), PAn is configured as an output pin. If DDAn is cleared (zero), PAn is config-
ured as an input pin. If PORTAn is set (one) when the pin is configured as an input pin, the
MOS pull-up resistor is activated. To switch the pull-up resistor off, the PORTAn has to be
cleared (zero) or the pin has to configured as an output pin. The Port A pins are tri-stated
when a reset condition becomes active, even if the clock is not active.
Note:
n: 7,6...0, pin number.
Bit
7
6
5
4
3
2
1
0
$1B ($3B)
PORTA7
PORTA6
PORTA5
PORTA4
PORTA3
PORTA2
PORTA1
PORTA0
PORTA
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
6
5
4
3
2
1
0
$1A ($3A)
DDA7
DDA6
DDA5
DDA4
DDA3
DDA2
DDA1
DDA0
DDRA
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
654
3
2
1
0
$19 ($39)
PINA7
PINA6
PINA5
PINA4
PINA3
PINA2
PINA1
PINA0
PINA
Read/Write
R
R
R
R
R
R
R
R
Initial Value
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
Table 24. DDAn Effects on Port A Pins
DDAn
PORTAn
I/O
Comment
0
0
Input
Tri-state (Hi-Z)
0
1
Input
PAn will source current if ext. pulled low.
1
0
Output
Push-Pull Zero Output
1
1
Output
Push-Pull One Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com