Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB355 Datasheet(PDF) 26 Page - ATMEL Corporation

Part # AT43USB355
Description  Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB355 Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button AT43USB355_06 Datasheet HTML 22Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 23Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 24Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 25Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 26Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 27Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 28Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 29Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 115 page
background image
26
AT43USB355
2603G–USB–04/06
General Interrupt Mask Register – GIMSK
• Bit 7 – INT1: External Interrupt Request 1 Enable
When the INT1 bit is set (one) and the I-bit in the Status Register (SREG) is set (one), the
external pin interrupt is enabled. The Interrupt Sense Control1 bits 1/0 (ISC11 and ISC10) in
the MCU general Control Register (MCUCR) defines whether the external interrupt is acti-
vated on rising or falling edge of the INT1 pin or level sensed. Activity on the pin will cause an
interrupt request even if INT1 is configured as an output. The corresponding interrupt of Exter-
nal Interrupt Request 1 is executed from program memory address $004. See also “External
Interrupts” on page 29.
• Bit 6 – INT0: Interrupt Request 0 (Suspend/Resume Interrupt) Enable
When the INT0 bit is set (one) and the I-bit in the Status Register (SREG) is set (one), the
external pin interrupt is enabled. The Interrupt Sense Control0 bits 1/0 (ISC01 and ISC00) in
the MCU general Control Register (MCUCR) defines whether the external interrupt is acti-
vated on rising or falling edge of the INT0 pin or level sensed. Activity on the pin will cause an
interrupt request even if INT0 is configured as an output. The corresponding interrupt of Inter-
rupt Request 0 is executed from program memory address $002. See also “External
Interrupts” on page 29.
• Bits 5..0 – Res: Reserved Bits
These bits are reserved bits in the AT43USB355 and always read as zero.
General Interrupt Flag Register – GIFR
• Bit 7 – INTF1: External Interrupt Flag1
When an event on the INT1 pin triggers an interrupt request, INTF1 becomes set (one). If the
I-bit in SREG and the INT1 bit in GIMSK are set (one), the MCU will jump to the interrupt vec-
tor at address $004. The flag is cleared when the interrupt routine is executed. Alternatively,
the flag can be cleared by writing a logical one to it.
• Bit 6 – INTF0: Interrupt Flag0 (Suspend/Resume Interrupt Flag)
When an event on the INT0 (that is, a USB event-related interrupt) triggers an interrupt
request, INTF0 becomes set (one). If the I-bit in SREG and the INT0 bit in GIMSK are set
(one), the MCU will jump to the interrupt vector at address $002. The flag is cleared when the
interrupt routine is executed. Alternatively, the flag can be cleared by writing a logical one to it.
• Bits 5..0 – Res: Reserved Bits
These bits are reserved bits in the AT43USB355 and always read as zero.
Bit
7
6
5
4
3
210
$3B ($5B)
INT1
INT0
–
–
–
–
–
–
GIMSK
Read/Write
R/W
R/W
R
R
R
R
R
R
Initial Value
0
0
0
0
0
0
0
0
Bit
7
6
543
2
1
0
$3A ($5A)
INTF1
INT F0
–
–
–
–
–
–
GIFR
Read/Write
R/W
R/W
R
R
R
R
R
R
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com