Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB355 Datasheet(PDF) 76 Page - ATMEL Corporation

Part # AT43USB355
Description  Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB355 Datasheet(HTML) 76 Page - ATMEL Corporation

Back Button AT43USB355_06 Datasheet HTML 72Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 73Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 74Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 75Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 76Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 77Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 78Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 79Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 80Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 115 page
background image
76
AT43USB355
2603G–USB–04/06
The following information describes how the AT43USB355’s USB hardware and firmware
operates during a control transfer between the host and the hub’s or function’s control end-
point.
Idle State
This is the default state from power-up.
Setup Response State
The Function Interface Unit (FIU) receives a SETUP token with 8 bytes of data from the Host.
The FIU stores the data in the FIFO, sends an ACK back to the host and asserts an
RX_SETUP interrupt.
Legend:
DATA1/DATA0 = Data packet with DATA1 or DATA2 PID
DATA1(0) = Zero length DATA1 packet
Hardware
Firmware
1.
SETUP token, DATA from Host
2.
ACK to Host
3.
Store data in FIFO
4.
Set RX SETUP
→ INT
5.
Read UISR
6.
Read CSR0
7.
Read Byte Count
8.
Read FIFO
9.
Parse command data
10. Write to H/FCAR0:
a. If Control Read: set DIR, clear RX
SETUP, fill FIFO, set TX Packet
Ready in CAR0
b. If Control Write: clear DIR in CAR0
c. If no Data Stage: set Data End, clear
DIR, set Force STALL in CAR0
11. Set UIAR[EP0 INTACK] to clear the
interrupt source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com