Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB355 Datasheet(PDF) 41 Page - ATMEL Corporation

Part # AT43USB355
Description  Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB355 Datasheet(HTML) 41 Page - ATMEL Corporation

Back Button AT43USB355_06 Datasheet HTML 37Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 38Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 39Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 40Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 41Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 42Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 43Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 44Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 45Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 115 page
background image
41
AT43USB355
2603G–USB–04/06
Timer/Counter0 Control Register – TCCR0
• Bits 7..3 – Res: Reserved Bits
These bits are reserved bits in the AT43USB355 and always read as zero.
• Bits 2, 1, 0 – CS02, CS01, CS00: Clock Select0, bit 2, 1 and 0
The Clock Select0 bits 2, 1 and 0 define the prescaling source of Timer/Counter0.
The Stop condition provides a Timer Enable/Disable function. The CK down divided modes
are scaled directly from the CK oscillator clock. If the external pin modes are used for
Timer/Counter0, transitions on PB0/(T0) will clock the counter even if the pin is configured as
an output. This feature can give the user SW control of the counting.
Timer/Counter0 – TCNT0
The Timer/Counter0 is realized as an up-counter with read and write access. If the
Timer/Counter0 is written and a clock source is present, the Timer/Counter0 continues count-
ing in the clock cycle following the write operation.
Bit
7
6
543
2
1
0
$33 ($53)
–
–
–
–
–
CS02
CS01
CS00
TCCR0
Read/Write
R
R
R
R
R
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Table 11. Clock 0 Prescale Select
CS02
CS01
CS00
Description
0
0
0
Stop, the Timer/Counter0 is stopped
001
CK
010
CK/8
011
CK/64
100
CK/256
101
CK/1024
1
1
0
External Pin T0, falling edge
1
1
1
External Pin T0, rising edge
Bit
7
6
5
4
3
2
1
0
$32 ($52)
MSB
–
–
–
–
–
–
LSB
TCNT0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com