Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB355 Datasheet(PDF) 69 Page - ATMEL Corporation

Part # AT43USB355
Description  Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB355 Datasheet(HTML) 69 Page - ATMEL Corporation

Back Button AT43USB355_06 Datasheet HTML 65Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 66Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 67Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 68Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 69Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 70Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 71Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 72Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 73Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 115 page
background image
69
AT43USB355
2603G–USB–04/06
Port B Data Register – PORTB
Port B Data Direction Register – DDRB
Port B Input Pins Address – PINB
The Port B Input Pins address (PINB) is not a register, and this address enables access to the
physical value on each Port B pin. When reading PORTB, the Port B Data Latch is read, and
when reading PINB, the logical values present on the pins are read.
PortB as General
Digital I/O
All 8 pins in port B have equal functionality when used as digital I/O pins.
PBn, General I/O Pin: The DDBn bit in the DDRB register selects the direction of this pin, if
DDBn is set (one), PBn is con-figured as an output pin. If DDBn is cleared (zero), PBn is con-
figured as an input pin. If PORTBn is set (one) when the pin is configured as an input pin, the
MOS pull-up resistor is activated. To switch the pull-up resistor off, the PORTBn has to be
cleared (zero) or the pin has to configured as an output pin. The Port B pins are tri-stated
when a reset condition becomes active, even if the clock is not active.
Note:
n: 7, 6...0, pin number.
Bit
7
6
5
4
3
2
1
0
$18 ($38)
PORTB7
PORTB6
PORTB5
PORTB4
PORTB3
PORTB2
PORTB1
PORTB0
PORTB
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
6
5
4
3
2
1
0
$17 ($37)
DDB7
DDB6
DDB5
DDB4
DDB3
DDB2
DDB1
DDB0
DDRB
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
6
5
4
3
2
1
0
$16 ($36)
PINB7
PINB6
PINB5
PINB4
PINB3
PINB2
PINB1
PINB0
PINB
Read/Write
R
R
R
R
R
R
R
R
Initial Value
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
Table 26. DDBn Effects on Port B Pins
DDBn
PORTBn
I/O
Comment
0
0
Input
Tri-state (Hi-Z)
0
1
Input
PBn will source current if ext. pulled low.
1
0
Output
Push-Pull Zero Output
1
1
Output
Push-Pull One Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com