Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB355 Datasheet(PDF) 70 Page - ATMEL Corporation

Part # AT43USB355
Description  Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB355 Datasheet(HTML) 70 Page - ATMEL Corporation

Back Button AT43USB355_06 Datasheet HTML 66Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 67Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 68Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 69Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 70Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 71Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 72Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 73Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 74Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 115 page
background image
70
AT43USB355
2603G–USB–04/06
Port D
Port D is an 8-bit bi-directional I/O port. Its output buffers can sink or source 2 mA.
Three I/O memory address locations are allocated for the Port D, one each for the Data Regis-
ter - PORTD, $12($32), Data Direction Register (DDRD), $11($31) and the Port D Input Pins
(PIND), $10($30). The Port D Input Pins address is read only, while the Data Register and the
Data Direction Register are read/write.
All port pins have individually selectable pull-up resistors. When pins PD0 to PD7 are used as
inputs and are externally pulled low, they will source current if the internal pull-up resistors are
activated
Some Port D pins have alternate functions as shown in Table 27.
When the pins are used for the alternate function the DDRD and PORTD register has to be set
according to the alternate function description.
Port D Data Register – PORTD
Port D Data Direction Register – DDRD
Port D Input Pins Address – PIND
The Port D Input Pins address (PIND) is not a register, and this address enables access to the
physical value on each Port D pin. When reading PORTD, the Port D Data Latch is read, and
when reading PIND, the logical values present on the pins are read.
Table 27. Port D Alternate Functions
Port Pin
Alternate Function
PD2
INT0, External Interrupt 0
PD3
INT1, External Interrupt 1
PD5
OC1A Timer/Counter1 Output Compare A
PD6
OC1B Timer/Counter1 Output Compare B
Bit
7
6
5
4
3
2
1
0
$12 ($32)
PORTD7
PORTD6
PORTD5
PORTD4
PORTD3
PORTD2
PORTD1
PORTD0
PORTD
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
654
3
2
1
0
$11 ($31)
DDD7
DDD6
DDD5
DDD4
DDD3
DDD2
DDD1
DDD0
DDRD
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
6
5
4
3
2
1
0
$10 ($30)
PIND7
PIND6
PIND5
PIND4
PIND3
PIND2
PIND1
PIND0
PIND
Read/Write
R
R
R
R
R
R
R
R
Initial Value
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com